Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEST Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 23Page - List of Unclassifed Manufacturers TEST Datasheet HTML 24Page - List of Unclassifed Manufacturers TEST Datasheet HTML 25Page - List of Unclassifed Manufacturers TEST Datasheet HTML 26Page - List of Unclassifed Manufacturers TEST Datasheet HTML 27Page - List of Unclassifed Manufacturers TEST Datasheet HTML 28Page - List of Unclassifed Manufacturers TEST Datasheet HTML 29Page - List of Unclassifed Manufacturers TEST Datasheet HTML 30Page - List of Unclassifed Manufacturers TEST Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
27 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
13.1 Typical characteristics
Fig 23. Supply current versus ambient temperature
Fig 24. Standby supply current versus
ambient temperature
Tamb =25 CVDD(P) =5V
Fig 25. Supply current versus supply voltage
Fig 26. Supply current versus number of I/O held LOW
8
12
4
16
20
IDD
(μA)
0
Tamb (°C)
−40
85
60
10
35
−15
002aag973
VDD(P) = 5.5 V
5.0 V
3.6 V
3.3 V
2.5 V
2.3 V
VDD(P) = 1.8 V
1.65 V
600
800
400
1400
IDD(stb)
(nA)
0
Tamb (°C)
−40
85
60
10
35
−15
002aag974
VDD(P) = 5.5 V
5.0 V
3.6 V
3.3 V
200
1000
2.5 V
2.3 V
1.8 V
1.65 V
8
12
4
16
20
IDD
(μA)
0
VDD(P) (V)
1.5
5.5
4.5
2.5
3.5
002aag975
200
400
600
IDD(P)
(μA)
0
number of I/O held LOW
08
6
24
002aah245
Tamb = −40 °C
25 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com