Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEST Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 11Page - List of Unclassifed Manufacturers TEST Datasheet HTML 12Page - List of Unclassifed Manufacturers TEST Datasheet HTML 13Page - List of Unclassifed Manufacturers TEST Datasheet HTML 14Page - List of Unclassifed Manufacturers TEST Datasheet HTML 15Page - List of Unclassifed Manufacturers TEST Datasheet HTML 16Page - List of Unclassifed Manufacturers TEST Datasheet HTML 17Page - List of Unclassifed Manufacturers TEST Datasheet HTML 18Page - List of Unclassifed Manufacturers TEST Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
15 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
8.
Bus transactions
The PCAL6408A is an I2C-bus slave device. Data is exchanged between the master and
PCAL6408A through write and read commands using I2C-bus. The two communication
lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor when connected to the output stages
of a device. Data transfer may be initiated only when the bus is not busy.
8.1 Write commands
Data is transmitted to the PCAL6408A by sending the device address and setting the
Least Significant Bit (LSB) to a logic 0 (see Figure 7 for device address). The command
byte is sent after the address and determines which register receives the data that follows
the command byte. There is no limitation on the number of data bytes sent in one write
transmission.
Fig 10. Write to Output port register
0
A
S
slave address
START condition
R/W
acknowledge
from slave
002aaf825
0000001
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
write to port
data out from port
tv(Q)
acknowledge
from slave
DATA 1 VALID
data to port
10000
AD
DR
0
P
STOP
condition
Fig 11. Write to Configuration or Polarity inversion registers
0
A
S
slave address
START condition
R/W
acknowledge
from slave
002aah090
1/0 0
0
0 1/0 1/0 1/0
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
acknowledge
from slave
data to register
10000
AD
DR
0
P
STOP
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com