Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S17L0FS709 Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # S17L0FS709
Description  S1 Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S17L0FS709 Datasheet(HTML) 3 Page - Ashcroft, Inc.

  S17L0FS709 Datasheet HTML 1Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 2Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 3Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 4Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 5Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 6Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 7Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
of 8
3
Data Sheet
S1 Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracy™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, AMP®, Deutsch®, Econoseal®, Metri-Pack®.
For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. S1_transducer_ds_RevG_11-27-24
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
S1
7
S
0
MEK
42
GN
60# XTU
Model
S1 - Pressure Transducer
S1
Accuracy
5 - ± 0.50% span
7 - ± 1.00% span
7
Fitting Material
L - 316 Stainless steel (max pressure range 3,000 psi)
S - 304 Stainless steel (max pressure range 10,000 psi)
S
Fitting Finish
0 - No Plating
0
Pressure Connection Size
FGA - G ¼ A - Female
FS7 - 7⁄16-20 UNF-2B Female (¼ in. SAE) Flare Internal Thread w/Schrader
Depressor
F01 - 1⁄8 NPT - Female
F02 - ¼ NPT - Female
F09 - 9⁄16-18 - Female (¼ HiP)
MB1 - M10x1.25 Banjo - Single
MEK - 7⁄16 20 SAE #4 - Male
MEK
MEH - 9⁄16-18 UNF-2A SAE J1926-2 “Heavy w/Buna-N O-ring Duty” - Male
MEV - 9⁄16-18 SAE #6 Male w/Buna-N O-ring
MGA - G ¼ A - Male
MG1 - G 1⁄8 B - Male
MG2 - G ¼ B - Male
MG4 - G ½ B - Male
MM4 - M14x1.5 ISO 6149-2 “Heavy Duty” - Male
M01 - 1⁄8 NPT - Male
M02 - ¼ NPT - Male
M04 - ½ NPT - Male
M15 - M14 x 1.5 [Form E]
M45 - 7⁄16-20 Flare 45°
M76 - 7⁄16-20 Flare 37°
Output Signal
05 - 0-5 Vdc
09 - 1-10 Vdc
10 - 0-10 Vdc
12 - 0.1-10 Vdc
15 - 1-5 Vdc
16 - 1-6 Vdc
42 - 4-20 mA
42
RM - 0.5 - 4.5 Vdc Ratiometric to 5 Vdc supply
45 - 0.5 - 4.5 Vdc Non-Ratiometric to 9-32 Vdc supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com