Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S17L0FS709 Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # S17L0FS709
Description  S1 Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S17L0FS709 Datasheet(HTML) 5 Page - Ashcroft, Inc.

  S17L0FS709 Datasheet HTML 1Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 2Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 3Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 4Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 5Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 6Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 7Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
of 8
5
Data Sheet
S1 Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracy™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, AMP®, Deutsch®, Econoseal®, Metri-Pack®.
For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. S1_transducer_ds_RevG_11-27-24
ashcroft.com
| 1.800.328.8258 | Contact Us
S1 PRESSURE RANGE TABLE
Operating Pressure
Range (PSI)
Fitting Material Overpressure
S
304 SS
L
316L SS
Proof
Burst
0 psi/-14.7 psi
X
X
2X
50X
15 psi/-14.7 psi
X
X
2X
50X
30 psi/-14.7 psi
X
X
2X
50X
45 psi/-14.7 psi
X
X
2X
50X
60 psi/-14.7 psi
X
X
2X
50X
75 psi/-14.7 psi
X
X
2X
50X
100 psi/-14.7 psi
X
X
2X
5X
150 psi/-14.7 psi
X
X
2X
5X
200 psi/-14.7 psi
X
X
2X
5X
300 psi/-14.7 psi
X
X
2X
5X
15 psi
X
X
2X
50X
30 psi
X
X
2X
50X
45 psi
X
X
2X
50X
50 psi
X
X
2X
50X
60 psi
X
X
2X
50X
75 psi
X
X
2X
50X
100 psi
X
X
2X
5X
150 psi
X
X
2X
5X
200 psi
X
X
2X
5X
250 psi
X
X
2X
5X
300 psi
X
X
2X
5X
400 psi
X
X
2X
5X
500 psi
X
X
2X
5X
650 psi
X
X
2X
5X
750 psi
X
X
2X
5X
1,000 psi
X
X
2X
5X
1,500 psi
X
X
2X
5X
2,000 psi
X
X
2X
5X
2,500 psi
X
X
2X
5X
3,000 psi
X
X
2X
5X*
4,000 psi
X
1.5X
4X
5,000 psi
X
1.5X
4X
6,000 psi
X
1.5X
3X
7,500 psi
X
1.5X
3X
10,000 psi
X
1.2X
3X
• ksc, bar, kPa, and mPa ranges also available.
• Enhanced proof and burst overpressure may be available
on request.
• *Burst rating for 3000 psi with 316L SS is 3X
DIMENSIONS are identified in inches and [millimeters]
For reference only, consult Ashcroft for specific dimensional drawings.
[DIM 'A']
.51
[12.9]
.87
[22]
[DIM 'B']
.63
[15.9] .27
[6.8]
[DIM 'A']
[DIM 'B']
LOW PRESSURE
(RANGES LESS THAN 100 PSI)
HIGH PRESSURE
(RANGES GREATER THAN
OR EQUAL TO 100 PSI)
PRESSURE CONNECTION GENERAL DIMENSIONS
Pressure
Conn.
Code
Thread
Dimension A
in [mm]
Dimension B
in [mm]
Max
Pressure
(material not
considered)
FGA
G ¼ A - Female
.78 [19.7]
.87 [22.1]
10,000 psi
FS7
7
⁄16-20 UNF-2B Schrader - Female
.75 [19.2]
.75 [19.1]
2,000 psi
F01
1
⁄8-27 NPT - Female
.71 [18.0]
.75 [19.1]
10,000 psi
F02
¼-18 NPT - Female
.68 [17.3]
.75 [19.1]
10,000 psi
F09
9
⁄16-18 UNF-2B - Female
.69 [17.5]
.81[20.6]
10,000 psi
MB1
M10x1.25 Banjo - Single
.79 [20.0]
.39 [9.9]
6,000 psi
MEH
9
⁄16-18 UNF-2A SAE J1926-2
“Heavy Duty” - Male
.47 [12.0]
.48 [12.2]
10,000 psi
MEK
7
⁄16-20 UNF-2A SAE #4 - Male
.43 [ 11.0]
.44 [11.2]
10,000 psi
MEV
9
⁄16-18 UNF-2A SAE #6 - Male
.47 [12.0]
.56 [14.2]
10,000 psi
MGA
G ¼ A - Male
.58 [14.7]
.52 [13.2]
10,000 psi
MG1
G 1⁄8 B - Male
.39 [10.0]
.38 [9.7]
5,800 psi
MG2
G ¼ B - Male
.59 [15.0]
.52 [13.2]
10,000 psi
MG4
G ½ B - Male
.90 [22.9]
.71 [18.0]
10,000 psi
MM4
M14x1.5 ISO 6149-2 “Heavy Duty”
- Male
.43 [11.0]
.46 [11.7]
10,000 psi
M01
1
⁄8-27 NPT - Male
.47 [12.0]
.42 [10.7]
10,000 psi
M02
¼-18 NPT - Male
.58 [14.7]
.53 [13.5]
10,000 psi
M04
1/2-14 NPT- Male
.78 [19.7]
.84 [21.3]
10,000 psi
M15
M14 x 1.5 [Form E]
(DIN 3852-11/ISO 9974-2)
.47 [12.0]
.46 [11.7]
10,000 psi
M45
7
⁄16-20 Flare 45°
.55 [14.0]
.44 [11.2]
10,000 psi
M76
7
⁄16-20 Flare 37°
.55 [14.0]
.55 [14.0]
10,000 psi
Note 1: Dim ‘B’ Measured to thread OD
Note 2: Dimensions in [ ] are millimeters



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com