Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S17L0FS709 Datasheet(PDF) 6 Page - Ashcroft, Inc.

Part # S17L0FS709
Description  S1 Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S17L0FS709 Datasheet(HTML) 6 Page - Ashcroft, Inc.

  S17L0FS709 Datasheet HTML 1Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 2Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 3Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 4Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 5Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 6Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 7Page - Ashcroft, Inc. S17L0FS709 Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
of 8
6
Data Sheet
S1 Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracy™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, AMP®, Deutsch®, Econoseal®, Metri-Pack®.
For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. S1_transducer_ds_RevG_11-27-24
ashcroft.com
| 1.800.328.8258 | Contact Us
DIMENSIONS are identified in inches and [millimeters]
For reference only, consult Ashcroft for specific dimensional drawings.
.47
[11.9]
.83
[21]
.47
[12]
.39
[10]
.20
[5.1]
.10
[2.6]
1.08
[27.5]
1
2
3
4
DA - EN17530-803 Form A
(DIN 43650 Form A)
Din Form A
Pin #
Function
Function
1
V+
V+
2
V- (Common)
V-
3
Output
V-
4
Ground
Ground
Voltage
Current
.21
[5.3]
.56
[14.3]
.42
[10.7]
.35
[8.9]
.08
[2]
.04
[1]
.63
[16.1]
1
2
3
4
DC - EN17530-803 Form C
(DIN 43650 Form C)
Din Form C
Pin #
Function
Function
1
V+
V+
2
V- (Common)
V-
3
Output
V-
4
Ground
Ground
Voltage
Current
1.37
[34.9]
1.02
[25.8]
.57
[14.5]
.50
[12.7]
.86
[21.8]
.82
[20.7]
A
B
C
DS - Deutsch® DTM04-3P
Deutsch® DTM04-3P
Pin #
Voltage
Function
Current
Function
A
V+
V+
B
V- (Common)
V-
C
Output
V-
1.33
[33.8]
.97
[24.7]
.60
[15.2]
.44
[11.2]
.83
[21.2]
.82
A
B
DT - Deutsch® DT04-3P
C
[20.8]
Deutsch® DT04-3P
Pin #
Voltage
Function
Current
Function
A
V+
V+
B
V- (Common)
V-
C
Output
V-
1.34
[34.1]
.99
[25.1]
.56
[14.1] .83
[21.1]
.40
[10.1]
.82
[20.8]
1
23
4
DU -
Deutsch® DT04-4P
Deutsch® DT04-4P
Pin #
Voltage
Function
Current
Function
1
V- (Common)
V-
2
V+
V+
Ground
Ground
4
Output
V-
3
.86
[21.7]
.50
[12.7]
.42
[10.7]
M12
1
2
34
1
2
34
1
2
34
EW - M12 (4 Pin) Molded Thread
(Pin 3 Common)
M12-4P Plastic
Pin-out Type 1
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
Ground
Ground
3
V- (Common)
V-
4
Output
V-
M12-4P Metal
Pin-out Type 1
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
Ground
Ground
3
V- (Common)
V-
4
Output
V-
.86
[21.7]
.50
[12.7]
.42
[10.7]
M12
EX - M12 (4 Pin) Metal Thread
(Pin 3 Common)
.50
[12.7]
.86
[21.7]
.42
[10.7]
M12
RW - M12 (4 Pin) Molded Thread
(Pin 4 Common)
.50
[12.7]
.86
[21.7]
.42
[10.7]
M12
1
2
34
M12-4P Plastic
Pin-out Type 2
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
Output
V-
3
Ground
Ground
4
V- (Common)
V-
M12-4P Metal
Pin-out Type 2
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
Output
V-
3
Ground
Ground
4
V- (Common)
V-
1.00
[25.5]
.65
[16.4]
.91
[23.1]
.47
[11.8]
A
B
C
JN - AMP® Econoseal®
AMP® Econoseal®
Pin #
Voltage
Function
Current
Function
A
V+
V+
B
V- (Common)
V-
C
Output
V-
1.10
[28]
.74
[18.9]
Ø.67
[17]
.39
[10]
A
B
C
GN - Metri-Pack®
Metri-Pack®
Pin #
Voltage
Function
Current
Function
A
V- (Common)
V-
B
V+
V+
C
Output
V-
1.16
[29.6]
.81
[20.5]
[11.2]
Customer
Length
Shielded Cable
Pin #
Voltage
Function
Current
Function
Red
V+
V+
Black
Common
V-
White
Output
n/a
Drain
n/a
n/a
.44
F - Shielded
Cable, PVC
Jacket, 24
AWG Lead
Wires
RX - M12 (4 Pin) Metal Thread
(Pin 4 Common)
EW/RW/GW/LW (Plastic Threads)
EX/RX/GX/LX (Metal Threads)
1
2
34
1
2
4
.86
[21.7]
.50
[12.7]
.42
[10.7]
M12
.86
[21.7]
.50
[12.7]
.42
[10.7]
M12
M12-4P Pin-out Type 2 (RW/RX)
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
Output
V-
3
Ground
Ground
4
V-
V-
M12-4P Pin-out Type 1 (EW/EX))
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
Ground
Ground
3
V-
V-
4
Output
V-
M12-4P Pin-out Type 3 (GW/GX)
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
V-
V-
3
Ground
Ground
4
Output
V-
M12-4P Pin-out Type 4 (LW/LX)
Pin #
Voltage
Function
Current
Function
1
V+
V+
2
Output
V-
3
V-
V-
4
V-
V-
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com