Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81100 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 8Page - STMicroelectronics STW81100 Datasheet HTML 9Page - STMicroelectronics STW81100 Datasheet HTML 10Page - STMicroelectronics STW81100 Datasheet HTML 11Page - STMicroelectronics STW81100 Datasheet HTML 12Page - STMicroelectronics STW81100 Datasheet HTML 13Page - STMicroelectronics STW81100 Datasheet HTML 14Page - STMicroelectronics STW81100 Datasheet HTML 15Page - STMicroelectronics STW81100 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
STW81100
12/29
where:
– FVCO: output frequency of VCO.
– P: modulus of dual modulus prescaler.
– B: division ratio of the main counter.
– A: division ratio of the swallow counter.
– Fref: input reference frequency.
– R: division ratio of reference counter.
– N: division ratio of PLL
For a correct work of the VCO divider, B must be strictly higher than A. A can take any value ranging from
0 to 63. The range of the N number can vary from 4096 to 32767.
Figure 13. VCO Divider Diagram
7.5 Phase frequency detector (PFD)
The PFD takes inputs from the reference and the VCO dividers and produces an output proportional to
the phase error. The PFD includes a delay gate that controls the width of the anti-backlash pulse. This
pulse ensures that there is no dead zone in the PFD transfer function.
Figure 14 is a simplified schematic of the PFD.
Figure 14. PFD Diagram
Prescaler
64/65
6 bit
A counter
9bit
B counter
To PFD
modulus
VCOBUF+
VCOBUF-
Prescaler
64/65
6 bit
A counter
9bit
B counter
To PFD
modulus
VCOBUF+
VCOBUF-
D FF
R
Fref
VDD
R
D FF
Fref
VDD
Delay
Up
Down
ABL
D FF
R
Fref
VDD
R
D FF
Fref
VDD
Delay
Up
Down
ABL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com