Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81100 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 12Page - STMicroelectronics STW81100 Datasheet HTML 13Page - STMicroelectronics STW81100 Datasheet HTML 14Page - STMicroelectronics STW81100 Datasheet HTML 15Page - STMicroelectronics STW81100 Datasheet HTML 16Page - STMicroelectronics STW81100 Datasheet HTML 17Page - STMicroelectronics STW81100 Datasheet HTML 18Page - STMicroelectronics STW81100 Datasheet HTML 19Page - STMicroelectronics STW81100 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
STW81100
16/29
8.1.4 STOP condition
A LOW to HIGH transition of the data bus SDA identifies start while the clock signal SCL is stable in the
HIGH state. A STOP condition terminates communications between the STW81100 and the Bus Master.
Figure 18.
8.1.5 Byte format and acknowledge
Every byte transferred on the SDA line must contain bits. Each byte must be followed by an acknowledge
bit. The MSB is transferred first.
An acknowledge bit is used to indicate a successful data transfer. The bus transmitter, either master or
slave, will release the SDA bus after sending 8 bits of data. During the 9th clock pulse the receiver pulls
the SDA low to acknowledge the receipt of 8 bits data.
Figure 19.
8.1.6 Device addressing
To start the communication between the Master and the STW81100, the master must initiate with a start
condition. Following this, the master sends onto the SDA line 8 bits (MSB first) corresponding to the device
select address and read or write mode.
The first 7 MSB‘s are the device address identifier, corresponding to the I2C-Bus definition. For the
STW81100 the address is set as “1100A2A1A0”, 3bits programmable. The 8th bit (LSB) is the read or write
operation bit (RW; set to 1 in read mode and to 0 in write mode).
After a START condition the STW81100 identifies on the bus the device address and, if matched, it will
acknowledge the identification on SDA bus during the 9th clock pulse.
8.1.7 Single-byte write mode
Following a START condition the master sends a device select code with the RW bit set to 0. The
STW81100 gives an acknowledge and waits for the internal sub-address (1 byte). This byte provides ac-
cess to any of the internal registers.
After the reception of the internal byte sub-address the STW81100 again responds with an acknowledge.
A single byte write with sub-address 00H will change the “FUNCTIONAL MODE” register; therefore a “sin-
gle byte write” operation with sub-address 04H will change the “CALIBRATION” register and so on.
SDA
SCL
START
STOP
SDA
SCL
START
STOP
SDA
SCL
START
//
//
ACKNOWLEDGMENT
FROM RECEIVER
1
2
37
8
9
MSB
SDA
SCL
START
//
//
ACKNOWLEDGMENT
FROM RECEIVER
1
2
37
8
9
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com