Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81100 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 20Page - STMicroelectronics STW81100 Datasheet HTML 21Page - STMicroelectronics STW81100 Datasheet HTML 22Page - STMicroelectronics STW81100 Datasheet HTML 23Page - STMicroelectronics STW81100 Datasheet HTML 24Page - STMicroelectronics STW81100 Datasheet HTML 25Page - STMicroelectronics STW81100 Datasheet HTML 26Page - STMicroelectronics STW81100 Datasheet HTML 27Page - STMicroelectronics STW81100 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
STW81100
24/29
The same recommendation for the SMD components applies also for the divided by 2 output.
Another topology suitable to combine the two outputs for the divided by 2 frequencies is represented in
Figure 28.
Figure 28. Lumped output matching for the divided by 2 output
The balun used is the 50 to 100
Ω - 1.65GHz to 2.2GHz Johanson balun (1850BL15B100).
9.3 Divided by 4 output
The same topology, components values and considerations of
Figure 26, apply also for the divided by 4
output.
As for the previous sections, a solution to combine the differential outputs is the lumped LC type balun
tuned in the 1GHz band (
Figure 29). An output power of approximately 5 dBm is delivered to a 50
Ω load
over the whole band (825GHz to 1.1GHz).
Figure 29. LC lumped balun for the divided by 4 output
RFOUTP
RF OUTN
VCC
22nH
50 O hm
10pF
10pF
22nH
10pF
2:1
VCC
50 O hm
50 O hm
RFOUTP
RF OUTN
VCC
5.5nH
5.5nH
4pF
4pF
6pF
50 O hm
14nH
V CC
5.5nH
5.5nH
4pF
4pF
25 O hm
25 O hm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com