Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9552-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9552-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS9552-AX Datasheet HTML 1Page - California Eastern Labs PS9552-AX Datasheet HTML 2Page - California Eastern Labs PS9552-AX Datasheet HTML 3Page - California Eastern Labs PS9552-AX Datasheet HTML 4Page - California Eastern Labs PS9552-AX Datasheet HTML 5Page - California Eastern Labs PS9552-AX Datasheet HTML 6Page - California Eastern Labs PS9552-AX Datasheet HTML 7Page - California Eastern Labs PS9552-AX Datasheet HTML 8Page - California Eastern Labs PS9552-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet PN10589EJ03V0DS
5
PS9552,PS9552L1,PS9552L2,PS9552L3
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number*
1
PS9552
PS9552-AX
Pb-Free
Magazine case 50 pcs
Standard products
PS9552
1
L
2
5
5
9
S
P
,
I
S
B
,
A
S
C
,
L
U
(
)
u
A
/
d
P
/
i
N
(
X
A
-
1
L
2
5
5
9
S
P
1
L
2
5
5
9
S
P
2
L
2
5
5
9
S
P
,
O
K
M
E
N
,
O
K
M
E
S
X
A
-
2
L
2
5
5
9
S
P
2
L
2
5
5
9
S
P
3
L
2
5
5
9
S
P
O
K
M
I
F
,
O
K
M
E
D
X
A
-
3
L
2
5
5
9
S
P
3
L
2
5
5
9
S
P
PS9552L2-E3
PS9552L2-E3-AX
Embossed Tape 1 000 pcs/reel
approved)
PS9552L2
3
L
2
5
5
9
S
P
X
A
-
3
E
-
3
L
2
5
5
9
S
P
3
E
-
3
L
2
5
5
9
S
P
2
5
5
9
S
P
2
-
5
-
7
4
7
0
6
N
E
N
I
D
s
c
p
0
5
e
s
a
c
e
n
i
z
a
g
a
M
X
A
-
V
-
2
5
5
9
S
P
V
-
2
5
5
9
S
P
1
L
2
5
5
9
S
P
)
2
t
r
a
P
4
8
8
0
E
D
V
(
X
A
-
V
-
1
L
2
5
5
9
S
P
V
-
1
L
2
5
5
9
S
P
r
p
p
A
X
A
-
V
-
2
L
2
5
5
9
S
P
V
-
2
L
2
5
5
9
S
P
oved (Option)
PS9552L2
3
L
2
5
5
9
S
P
X
A
-
V
-
3
L
2
5
5
9
S
P
V
-
3
L
2
5
5
9
S
P
PS9552L2-V-E3
PS9552L2-V-E3-AX
Embossed Tape 1 000 pcs/reel
PS9552L2
3
L
2
5
5
9
S
P
X
A
-
3
E
-
V
-
3
L
2
5
5
9
S
P
3
E
-
V
-
3
L
2
5
5
9
S
P
*1
For the application of the Safety Standard, following part number should be used.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com