Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9552-AX Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS9552-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552-AX Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS9552-AX Datasheet HTML 6Page - California Eastern Labs PS9552-AX Datasheet HTML 7Page - California Eastern Labs PS9552-AX Datasheet HTML 8Page - California Eastern Labs PS9552-AX Datasheet HTML 9Page - California Eastern Labs PS9552-AX Datasheet HTML 10Page - California Eastern Labs PS9552-AX Datasheet HTML 11Page - California Eastern Labs PS9552-AX Datasheet HTML 12Page - California Eastern Labs PS9552-AX Datasheet HTML 13Page - California Eastern Labs PS9552-AX Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet PN10589EJ03V0DS
10
PS9552,PS9552L1,PS9552L2,PS9552L3
VCC = 15 to 30 V
IF = 7 to 16 mA
10 kHz
50% DUTY
CYCLE
0.1 F
μ
1
2
3
4
8
7
6
5
SHIELD
VO
500 Ω
10 Ω
10 nF
tPHL
tPLH
IF
VOUT
90%
50%
10%
tr
tf
VCC = 30 V
VCM = 1.5 kV
0.1 F
μ
1
A
B
2
3
4
8
7
6
5
SHIELD
VO
IF
VOH
26 V
1 V
VOL
VCM
0 V
VO
(Switch A: IF = 10 mA)
VO
(Switch B: IF = 0 mA)
Fig. 7 tPLH, tPHL, tr, tf Test Circuit and Wave Forms
Fig. 8 CMR Test Circuit and Wave Forms
Δ t
=
δ V
δ t
VCM
Δ t
Remark
CMR Test : Connect pin 1 and pin 4 to the LED common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com