Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9552-AX Datasheet(PDF) 12 Page - California Eastern Labs

Part # PS9552-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9552-AX Datasheet(HTML) 12 Page - California Eastern Labs

Back Button PS9552-AX Datasheet HTML 8Page - California Eastern Labs PS9552-AX Datasheet HTML 9Page - California Eastern Labs PS9552-AX Datasheet HTML 10Page - California Eastern Labs PS9552-AX Datasheet HTML 11Page - California Eastern Labs PS9552-AX Datasheet HTML 12Page - California Eastern Labs PS9552-AX Datasheet HTML 13Page - California Eastern Labs PS9552-AX Datasheet HTML 14Page - California Eastern Labs PS9552-AX Datasheet HTML 15Page - California Eastern Labs PS9552-AX Datasheet HTML 16Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Data Sheet PN10589EJ03V0DS
12
PS9552,PS9552L1,PS9552L2,PS9552L3
High Level Output Current IOH (A)
HIGH LEVEL OUTPUT VOLTAGE – SUPPLY
VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
0
0.5
1
1.5
2.5
2
–1
–2
–3
–4
–5
–6
VCC = 30 V,
VEE = GND,
IF = 10 mA
0
0.5
1
1.5
2.5
2
4
3
2
1
VCC = 30 V,
VEE = GND,
IF = 0 mA
6
8
10
12
14
16
18
VCC = 30 V, VEE = GND,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
0
tPHL
PWD
tPLH
15
20
25
30
VEE = GND, IF = 10 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
0
tPHL
PWD
tPLH
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
0
–40
–20
20
40
60
80
100
VCC = 30 V, VEE = GND,
IF = 10 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
0
tPHL
tPLH
PWD
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
020
40
60
80
120
100
VCC = 30 V, VEE = GND,
IF = 10 mA, Rg = 10 Ω,
f = 10 kHz, Duty cycle = 50%
500
400
300
200
100
tPHL
tPLH
PWD
Remark
The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com