Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35AV-10PC1F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T35AV-10PC1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC1F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T35AV-10PC1F Datasheet HTML 5Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 6Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 7Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 8Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 9Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 10Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 11Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 12Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
M48T35AY, M48T35AV
Table 4. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF.
3. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter(1)
M48T35AY
M48T35AV
Unit
–70
–100
Min
Max
Min
Max
tAVAV
WRITE Cycle Time
70
100
ns
tAVWL
Address Valid to WRITE Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLWH
WRITE Enable Pulse Width
50
80
ns
tELEH
Chip Enable Low to Chip Enable High
55
80
ns
tWHAX
WRITE Enable High to Address Transition
0
10
ns
tEHAX
Chip Enable High to Address Transition
0
10
ns
tDVWH
Input Valid to WRITE Enable High
30
50
ns
tDVEH
Input Valid to Chip Enable High
30
50
ns
tWHDX
WRITE Enable High to Input Transition
5
5
ns
tEHDX
Chip Enable High to Input Transition
5
5
ns
tWLQZ
(2,3)
WRITE Enable Low to Output Hi-Z
25
50
ns
tAVWH
Address Valid to WRITE Enable High
60
80
ns
tAVEH
Address Valid to Chip Enable High
60
80
ns
tWHQX
(2,3)
WRITE Enable High to Output Transition
5
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com