Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35AV-10PC1F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T35AV-10PC1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC1F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T35AV-10PC1F Datasheet HTML 14Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 15Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 16Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 17Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 18Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 19Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 20Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 21Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
M48T35AY, M48T35AV
18/25
Figure 15. Power Down/Up Mode AC Waveforms
Table 10. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
4. trec (min) = 20ms for industrial temperature Grade 6 device.
Table 11. Power Down/Up Trip Points DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. All voltages referenced to VSS.
3. CAPHAT and M4T32-BR12SH1 SNAPHAT only, M4T28-BR12SH1 SNAPHAT top tDR = 7 years (typ).
4. Using larger M4T32-BR12SH6 SNAPHAT top (recommended for Industrial Temperature Range - Grade 6 device).
5. At 25°C, VCC = 0V.
Symbol
Parameter(1)
Min
Max
Unit
tPD
E or W at VIH before Power Down
0µs
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
M48T35AY
10
µs
M48T35AV
150
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
trec
(4)
VPFD (max) to Inputs Recognized
40
200
ms
Symbol
Parameter(1,2)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48T35AY
4.2
4.35
4.5
V
M48T35AV
2.7
2.9
3.0
V
VSO
Battery Back-up Switchover Voltage
M48T35AY
3.0
V
M48T35AV
VPFD –100mV
V
tDR
(5)
Expected Data Retention Time
Grade 1
10(3)
YEARS
Grade 6
10(4)
YEARS
AI01168C
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tPD
tRB
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com