Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T35AV-10PC1F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M48T35AV-10PC1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC1F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M48T35AV-10PC1F Datasheet HTML 17Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 18Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 19Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 20Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 21Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 22Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 23Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 24Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23/25
M48T35AY, M48T35AV
PART NUMBERING
Table 16. Ordering Information Scheme
Note: 1. The SOIC package (SOH28) requires the SNAPHAT® battery package which is ordered separately under the part number “M4TXX-
BR12SH” in plastic tube or “M4TXX-BR12SHTR” in Tape & Reel form (see Table 17).
2. Available in SOIC package only.
Caution: Do not place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will drain the lithium button-cell bat-
tery.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Table 17. SNAPHAT Battery Table
Example:
M48T
35AY
–70
MH
1
E
Device Type
M48T
Supply Voltage and Write Protect Voltage
35AY = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
35AV = VCC = 3.0 to 3.6V; VPFD = 2.7 to 3.0V
Speed
–70 = 70ns (35AY)
–10 = 100ns (35AV)
Package
PC = PCDIP28
MH(1) = SOH28
Temperature Range
1 = 0 to 70°C
6 = –40 to 85°C(2)
Shipping Method
For SOH28:
blank = Tubes (Not for New Design - Use E)
E = Lead-free Package (ECO
PACK®), Tubes
F = Lead-free Package (ECO
PACK®), Tape & Reel
TR = Tape & Reel (Not for New Design - Use F)
For PCDIP28:
blank = Tubes
Part Number
Description
Package
M4T28-BR12SH
Lithium Battery (48mAh) SNAPHAT
SH
M4T32-BR12SH
Lithium Battery (120mAh) SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com