Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221A
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221A Datasheet(HTML) 5 Page - Texas Instruments

  ISO7221A Datasheet HTML 1Page - Texas Instruments ISO7221A Datasheet HTML 2Page - Texas Instruments ISO7221A Datasheet HTML 3Page - Texas Instruments ISO7221A Datasheet HTML 4Page - Texas Instruments ISO7221A Datasheet HTML 5Page - Texas Instruments ISO7221A Datasheet HTML 6Page - Texas Instruments ISO7221A Datasheet HTML 7Page - Texas Instruments ISO7221A Datasheet HTML 8Page - Texas Instruments ISO7221A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
SWITCHING CHARACTERISTICS (continued)
VCC1 and VCC2 at 5-V operation, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
150 Mbps PRBS NRZ data, 5-bit max
same polarity input, both channels, See
1
Figure 4, Figure 16
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO722xM
ns
150 Mbps unrestricted bit run length
2
data input, both channels, See Figure 4
VCC1 at 5 V, VCC2 at 3.3 V operation, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISO7220A, ISO7220C, ISO7220M
1
2
Quiescent
VI = VCC or 0 V, no load
ISO7221A, ISO7221C, ISO7221M
8.5
17
ISO7220A
2
3
ICC1
1 Mbps
VI = VCC or 0 V, no load
ISO7221A
10
18
ISO7220C, ISO7220M
4
9
25 Mbps
VI = VCC or 0 V, no load
ISO7221C, ISO7221M
12
22
mA
ISO7220A, ISO7220C, ISO7220M
8
18
Quiescent
VI = VCC or 0 V, no load
ISO7221A, ISO7221C, ISO7221M
4.3
9.5
ISO7220A
9
19
ICC2
1 Mbps
VI = VCC or 0 V, no load
ISO7221A
5
11
ISO7220C, ISO7220M
10
20
25 Mbps
VI = VCC or 0 V, no load
ISO7221C, ISO7221M
6
12
ISO7220x
IOH = –4 mA, See Figure 1
VCC – 0.4
VOH
High-level output voltage
ISO7221x (5-V side)
VCC – 0.8
V
IOH = –20 μA, See Figure 1
VCC – 0.1
IOL = 4 mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V to VCC
μA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 3
15
40
kV/
μs
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com