Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221A
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221A Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7221A Datasheet HTML 9Page - Texas Instruments ISO7221A Datasheet HTML 10Page - Texas Instruments ISO7221A Datasheet HTML 11Page - Texas Instruments ISO7221A Datasheet HTML 12Page - Texas Instruments ISO7221A Datasheet HTML 13Page - Texas Instruments ISO7221A Datasheet HTML 14Page - Texas Instruments ISO7221A Datasheet HTML 15Page - Texas Instruments ISO7221A Datasheet HTML 16Page - Texas Instruments ISO7221A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
SOIC-8 PACKAGE THERMAL CHARACTERISTICS
0
25
50
75
100
125
150
175
200
225
250
0
50
100
150
200
T -CaseTemperature-°C
C
V
at3.6V
CC1,2
V
at5.5V
CC1,2
DEVICE FUNCTION TABLE
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K Thermal Resistance(1)
212
θJA
Junction-to-air
High-K Thermal Resistance
122
°C/W
θJB
Junction-to-Board Thermal Resistance
37
θJC
Junction-to-Case Thermal Resistance
69.1
PD
Device Power Dissipation
ISO722xM
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
390
mW
Input a 150 Mbps 50% duty cycle square wave
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
Figure 5. SOIC-8
θJC THERMAL DERATING CURVE per IEC 60747-5-2
Table 1. ISO7220x or ISO7221x(1)
INPUT SIDE VCC
OUTPUT SIDE VCC
INPUT IN
OUTPUT OUT
H
H
PU
PU
L
L
Open
H
PD
PU
X
H
(1)
PU = Powered Up(Vcc
≥ 3.0V); PD = Powered Down (Vcc ≤ 2.5V); X = Irrelevant; H = High Level;
L = Low Level
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com