Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221A
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221A Datasheet(HTML) 3 Page - Texas Instruments

  ISO7221A Datasheet HTML 1Page - Texas Instruments ISO7221A Datasheet HTML 2Page - Texas Instruments ISO7221A Datasheet HTML 3Page - Texas Instruments ISO7221A Datasheet HTML 4Page - Texas Instruments ISO7221A Datasheet HTML 5Page - Texas Instruments ISO7221A Datasheet HTML 6Page - Texas Instruments ISO7221A Datasheet HTML 7Page - Texas Instruments ISO7221A Datasheet HTML 8Page - Texas Instruments ISO7221A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
VALUE
UNIT
VCC
Supply voltage(2), VCC1, VCC2
–0.5 to 6
V
VI
Voltage at IN, OUT
–0.5 to 6
V
IO
Output current
±15
mA
Electrostatic discharge JEDEC Standard
Human Body Model
±4
22, Test Method A114-C.01
kV
Electrostatic
ESD
Field-Induced-Charged Device
All pins
discharge
JEDEC Standard 22, Test Method C101
±1
Model
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
MIN
TYP
MAX
UNIT
4.5
5.5
VCC
Supply voltage, VCC1, VCC2
V
3
3.6
IOH
High-level output current
4
mA
IOL
Low-level output current
–4
mA
ISO722xA
1
μs
tui
Input pulse width
ISO722xC
40
ns
ISO722xM
6.67
5
ISO722xA
0
250
1000
kbps
1/tui
Signaling rate
ISO722xC
0
30
25
Mbps
ISO722xM
0
200(1)
150
VIH
High-level input voltage
2
VCC
V
ISO722xA, ISO722xC
VIL
Low-level input voltage
0
0.8
V
VIH
High-level input voltage
0.7 VCC
VCC
V
ISO722xM
VIL
Low-level input voltage
0
0.3 VCC
V
TJ
Junction temperature
–40
150
°C
H
External magnetic field-strength immunity per IEC 61000-4-8 & IEC 61000-4-9
A/m
1000
certification
(1)
Typical sigalling rate under ideal conditions at 25
°C.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com