Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022ACD Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022ACD
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022ACD Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLE2022ACD Datasheet HTML 27Page - Texas Instruments TLE2022ACD Datasheet HTML 28Page - Texas Instruments TLE2022ACD Datasheet HTML 29Page - Texas Instruments TLE2022ACD Datasheet HTML 30Page - Texas Instruments TLE2022ACD Datasheet HTML 31Page - Texas Instruments TLE2022ACD Datasheet HTML 32Page - Texas Instruments TLE2022ACD Datasheet HTML 33Page - Texas Instruments TLE2022ACD Datasheet HTML 34Page - Texas Instruments TLE2022ACD Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
31
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2022Y electrical characteristics, VCC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLE2022Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
150
600
µV
Input offset voltage long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
0.005
µV/mo
IIO
Input offset current
VIC = 0,
RS = 50 Ω
0.5
nA
IIB
Input bias current
35
nA
VICR
Common-mode input voltage range
RS = 50 Ω
− 0.3
to
4
V
VOH
Maximum high-level output voltage
RL = 10 kΩ
4.3
V
VOL
Maximum low-level output voltage
RL = 10 kΩ
0.7
V
AVD
Large-signal differential voltage amplification
VO = 1.4 to 4 V,
RL= 10 kΩ
1.5
V/
µV
CMRR
Common-mode rejection ratio
VIC = VICR min,
RS = 50 Ω
100
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
VCC = 5 V to 30 V
115
dB
ICC
Supply current
VO = 2.5 V,
No load
450
µA
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
TLE2022Y operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2022Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 1 V to 3 V,
See Figure 1
0.5
V/
µs
Vn
Equivalent input noise voltage (see Figure 2)
f = 10 Hz
21
nV/
√Hz
Vn
Equivalent input noise voltage (see Figure 2)
f = 1 kHz
17
nV/
√Hz
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 to 1 Hz
0.16
V
VN(PP) Peak-to-peak equivalent input noise voltage
f = 0.1 to 10 Hz
0.47
µV
In
Equivalent input noise current
0.1
pA/
√Hz
B1
Unity-gain bandwidth
See Figure 3
1.7
MHz
φm
Phase margin at unity gain
See Figure 3
47
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com