Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022ACD Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022ACD
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022ACD Datasheet(HTML) 54 Page - Texas Instruments

Back Button TLE2022ACD Datasheet HTML 50Page - Texas Instruments TLE2022ACD Datasheet HTML 51Page - Texas Instruments TLE2022ACD Datasheet HTML 52Page - Texas Instruments TLE2022ACD Datasheet HTML 53Page - Texas Instruments TLE2022ACD Datasheet HTML 54Page - Texas Instruments TLE2022ACD Datasheet HTML 55Page - Texas Instruments TLE2022ACD Datasheet HTML 56Page - Texas Instruments TLE2022ACD Datasheet HTML 57Page - Texas Instruments TLE2022ACD Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
, the model generation software used
with Microsim PSpice
. The Boyle macromodel (see Note 5) and subcircuit in Figure 73, Figure 74, and Figure
75 were generated using the TLE202x typical electrical and operating characteristics at 25
°C. Using this
information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most
cases):
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
NOTE 5: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
OUT
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
VCC +
rp
IN −
2
IN+
1
VCC −
rc1
11
Q1
Q2
13
cee
Iee
3
12
rc2
ve
54
de
dp
vc
dc
4
C1
53
r2
6
9
egnd
vb
fb
C2
gcm
ga
vlim
8
5
ro1
ro2
hlim
90
dip
91
din
92
vin
vip
99
7
ree
14
re1
re2
Figure 73. Boyle Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com