Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022ACD Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022ACD
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2022ACD Datasheet(HTML) 50 Page - Texas Instruments

Back Button TLE2022ACD Datasheet HTML 46Page - Texas Instruments TLE2022ACD Datasheet HTML 47Page - Texas Instruments TLE2022ACD Datasheet HTML 48Page - Texas Instruments TLE2022ACD Datasheet HTML 49Page - Texas Instruments TLE2022ACD Datasheet HTML 50Page - Texas Instruments TLE2022ACD Datasheet HTML 51Page - Texas Instruments TLE2022ACD Datasheet HTML 52Page - Texas Instruments TLE2022ACD Datasheet HTML 53Page - Texas Instruments TLE2022ACD Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 59
t − Time − s
0.4
0.3
0.2
0.1
0
− 0.1
− 0.2
− 0.3
− 0.4
− 0.5
0.5
9
8
7
6
5
4
3
2
110
0
VCC ± = ±15 V
TA = 25°C
PEAK-TO-PEAK EQUIVALENT
INPUT NOISE VOLTAGE
0.1 TO 10 Hz
Figure 60
1
f − Frequency − Hz
200
10 k
0
40
80
120
160
10
100
1 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VCC ± = ±15 V
RS = 20 Ω
TA = 25°C
See Figure 2
Figure 61
0
4
16
0
2
4
6
8
10
12
14
1
2
3
See Figure 3
TA = 25°C
CL = 30 pF
RL = 10 kΩ
|VCC±| − Supply Voltage − V
TLE2021
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
Figure 62
3
2
1
14
12
10
8
6
4
2
0
16
4
|VCC±| − Supply Voltage − V
0
RL = 10 kΩ
CL = 30 pF
TA = 25°C
See Figure 3
TLE2022 AND TLE2024
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com