Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2H6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STR711FR2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2H6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STR711FR2H6 Datasheet HTML 3Page - STMicroelectronics STR711FR2H6 Datasheet HTML 4Page - STMicroelectronics STR711FR2H6 Datasheet HTML 5Page - STMicroelectronics STR711FR2H6 Datasheet HTML 6Page - STMicroelectronics STR711FR2H6 Datasheet HTML 7Page - STMicroelectronics STR711FR2H6 Datasheet HTML 8Page - STMicroelectronics STR711FR2H6 Datasheet HTML 9Page - STMicroelectronics STR711FR2H6 Datasheet HTML 10Page - STMicroelectronics STR711FR2H6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
STR71xF
System architecture
7/77
Flexible Power Management
To minimize power consumption, you can program the STR710 to switch to SLOW, WAIT,
LPWAIT (low power wait), STOP or STANDBY mode depending on the current system
activity in the application.
Flexible Clock Control
Two external clock sources can be used, a main clock and a 32 kHz backup clock. The
embedded PLL allows the internal system clock (up to 66 MHz) to be generated from a main
clock frequency of 16 MHz or less. The PLL output frequency can be programmed using a
wide selection of multipliers and dividers. The microcontroller core, APB1 and APB2
peripherals are in separate clock domains and can be programmed to run at different
frequencies during application runtime. The clock to each peripheral is gated with an
individual control bit to optimize power usage by turning off peripherals any time they are not
required.
Voltage Regulators
The STR710 requires an external 3.0-3.6V power supply. There are two internal Voltage
Regulators for generating the 1.8V power supply for the core and peripherals. The main VR
is switched off during low power operation.
Low Voltage Detectors
Both the Main Voltage Regulator and the Low Power Voltage Regulator contain each a low
voltage detection circuitry which keep the device under reset when the corresponding
controlled voltage value (V18 or V18BKP) falls below 1.35V (+/- 10%). This enhances the
security of the system by preventing the MCU from going into an unpredictable state.
An external reset circuit must be used to provide the RESET at V33 power-up. It is not
sufficient to rely on the RESET generated by the LVD in this case. This is because LVD
operation is guaranteed only when V33 is within the specification.
4.1
On-chip peripherals
CAN Interface (STR710 and STR712)
The CAN module is compliant with the CAN specification V2.0 part B (active). The bit rate
can be programmed up to 1 MBaud.
USB Interface (STR710 and STR711)
The full-speed USB interface is USB V2.0 compliant and provides up to 16 bidirectional/32
unidirectional endpoints, up to 12 Mb/s (full-speed), support for bulk transfer, isochronous
transfers and USB Suspend/Resume functions.
Standard Timers
Each of the four timers have a 16-bit free-running counter with 7-bit prescaler
Three timers each provide up to two input capture/output compare functions, a pulse
counter function, and a PWM channel with selectable frequency.
The fourth timer is not connected to the I/O ports. It can be used by the application software
for general timing functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com