Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2H6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STR711FR2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2H6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STR711FR2H6 Datasheet HTML 36Page - STMicroelectronics STR711FR2H6 Datasheet HTML 37Page - STMicroelectronics STR711FR2H6 Datasheet HTML 38Page - STMicroelectronics STR711FR2H6 Datasheet HTML 39Page - STMicroelectronics STR711FR2H6 Datasheet HTML 40Page - STMicroelectronics STR711FR2H6 Datasheet HTML 41Page - STMicroelectronics STR711FR2H6 Datasheet HTML 42Page - STMicroelectronics STR711FR2H6 Datasheet HTML 43Page - STMicroelectronics STR711FR2H6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
Electrical parameters
STR71xF
40/77
On-Chip Peripherals
Notes:
1.
Data based on a differential IDD measurement between reset configuration and timer counter running at
16MHz. No IC/OC programmed (no I/O pads toggling).
2.
Data based on a differential IDD measurement between the on-chip peripheral when kept under reset and
not clocked and the on-chip peripheral when clocked and not kept under reset. No I/O pads toggling.
3.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
Table 16.
Peripheral current consumption
Symbol
Parameter
Conditions
Typ
Unit
IDD(PLL1) PLL1 supply current
TA= 25°C
3.42
mA
IDD(PLL2) PLL2 supply current
5.81
IDD(TIM)
TIM Timer supply current 1)
TA= 25°C, fPCLK=33 MHz
0.88
IDD(BSPI) BSPI supply current 2)
1.1
IDD(UART) UART supply current 2)
1.05
IDD(I2C)
I2C supply current 2)
0.45
IDD(ADC) ADC supply current when converting 5)
1.89
IDD(HDLC) HDLC supply current 2)
1.82
IDD(USB) USB supply current 2)
2.08
IDD(CAN) CAN supply current 2)
1.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com