Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2H6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STR711FR2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2H6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STR711FR2H6 Datasheet HTML 9Page - STMicroelectronics STR711FR2H6 Datasheet HTML 10Page - STMicroelectronics STR711FR2H6 Datasheet HTML 11Page - STMicroelectronics STR711FR2H6 Datasheet HTML 12Page - STMicroelectronics STR711FR2H6 Datasheet HTML 13Page - STMicroelectronics STR711FR2H6 Datasheet HTML 14Page - STMicroelectronics STR711FR2H6 Datasheet HTML 15Page - STMicroelectronics STR711FR2H6 Datasheet HTML 16Page - STMicroelectronics STR711FR2H6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
STR71xF
System architecture
13/77
Table 3.
STR710 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
1A1
P0.10/U1.RX/
U1.TX/
SC.DATA
I/O pd
CT X 4mA T
Port 0.10
UART1:
Receive Data
input
UART1: Transmit
data output.
Note: This pin may be used for
Smartcard DataIn/DataOut or single
wire UART (half duplex) if
programmed as Alternate Function
Output. The pin will be tri-stated
except when UART transmission is in
progress
2B2
RD
O
5)
X
External Memory Interface: Active low read signal
for external memory. It maps to the OE_N input of
the external components.
3C2
P0.11/BOOT.1
/U1.TX
I/O pd
CT
4mA
X
X
Port 0.11
Select Boot
Configuration
input
UART1: Transmit
data output.
4
C3
P0.12/SC.CLK I/O pd
CT
4mA
X
X
Port 0.12 Smartcard reference clock output
5D1
VSS
S
Ground voltage for digital I/Os4)
6D2
V33
S
Supply voltage for digital I/Os4)
7
B1
P2.0/CS.0
I/O
8)
CT
8mA
X
X
Port 2.0
External Memory Interface: Select
Memory Bank 0 output
Note: This pin is forced to output
push-pull 1 mode at reset to allow
boot from external memory
8
C1
P2.1/CS.1
I/O
pu
2)
CT
8mA
X
X
Port 2.1
External Memory Interface: Select
Memory Bank 1 output
9D3
P0.13/U2.RX/
T2.OCMPA
I/O pu
CT X 4mA X
X
Port 0.13
UART2:
Receive Data
input
Timer2: Output
Compare A output
10
D4
P0.14/U2.TX/
T2.ICAPA
I/O pu
CT
4mA
X
X
Port 0.14
UART2:
Transmit data
output
Timer2: Input
Capture A input
11
E1
P2.2/CS.2
I/O
pu
2)
CT
8mA
X
X
Port 2.2
External Memory Interface: Select
Memory Bank 3 output
12
E2
P2.3/CS.3
I/O
pu
2)
CT
8mA
X
X
Port 2.3
External Memory Interface: Select
Memory Bank 4 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com