Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
lxxxii
Freescale Semiconductor
Organization
Following is a summary and a brief description of the chapters of this manual:
•
Part I, “Overview,” provides a high-level description of the MPC8280, describing general
operation and listing basic features.
— Chapter 1, “Overview,” provides a high-level description of MPC8280 functions and features.
It roughly follows the structure of this book, summarizing the relevant features and providing
references for the reader who needs additional information.
— Chapter 2, “G2_LE Core,” provides an overview of the MPC8280 core, summarizing topics
described in further detail in subsequent chapters.
— Chapter 3, “Memory Map,” presents a table showing where MPC8280 registers are mapped in
memory. It includes cross references that indicate where the registers are described in detail.
•
Part II, “Configuration and Reset,” describes start-up behavior of the MPC8280.
— Chapter 4, “System Interface Unit (SIU),” describes the system configuration and protection
functions that provide various monitors and timers, and the 60x bus configuration.
— Chapter 5, “Reset,” describes the behavior of the MPC8280 at reset and start-up.
•
Part III, “The Hardware Interface,” describes external signals, clocking, memory control, and
power management of the MPC8280.
— Chapter 6, “External Signals,” shows a functional pinout of the MPC8280 and describes the
MPC8280 signals.
— Chapter 7, “60x Signals,” describes signals on the 60x bus.
— Chapter 8, “The 60x Bus,” describes the operation of the bus used by processors that
implement the PowerPC architecture.
— Chapter 9, “PCI Bridge,” describes how the PCI bridge enables the MPC8280 to gluelessly
bridge PCI agents to a host processor that implements the PowerPC architecture and how it is
compliant with PCI Specification Revision 2.2.
— Chapter 10, “Clocks and Power Control,” describes the clocking architecture of the MPC8280.
— Chapter 11, “Memory Controller,” describes the memory controller, which controls a
maximum of eight memory banks shared among a general-purpose chip-select machine
(GPCM) and three user-programmable machines (UPMs).
— Chapter 12, “Secondary (L2) Cache Support,” provides information about implementation and
configuration of a level-2 cache.
— Chapter 13, “IEEE 1149.1 Test Access Port,” describes the dedicated user-accessible test
access port (TAP), which is fully compatible with the IEEE 1149.1 Standard Test Access Port
and Boundary Scan Architecture.
•
Part IV, “Communications Processor Module,” describes the configuration, clocking, and
operation of the various communications protocols that the MPC8280 supports.
— Chapter 14, “Communications Processor Module Overview,” provides a brief overview of the
CPM.
— Chapter 15, “Serial Interface with Time-Slot Assigner,” describes the SIU, which controls
system start-up, initialization and operation, protection, as well as the external system bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com