Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
lxxxiv
Freescale Semiconductor
— Chapter 33, “ATM AAL2,” describes the functionality and data structures of ATM adaptation
layer type 2 (AAL2) CPS, CPS switching, and SSSAR.
— Chapter 34, “Inverse Multiplexing for ATM (IMA),” describes specifications for the inverse
multiplexing for ATM (IMA) microcode.
— Chapter 35, “ATM Transmission Convergence Layer,” describes how the MPC8280 can
support applications that receive ATM traffic over the standard serial protocols like E1, T1, and
xDSL via its serial interface (SIx TDMx and NMSI) ports because of its internally
implemented TC-layer functionality.
— Chapter 36, “Fast Ethernet Controller,” describes the MPC8280’s implementation of the
Ethernet IEEE 802.3 protocol.
— Chapter 37, “FCC HDLC Controller,” describes the FCC implementation of the HDLC
protocol.
— Chapter 38, “FCC Transparent Controller,” describes the FCC implementation of the
transparent protocol.
— Chapter 39, “Serial Peripheral Interface (SPI),” describes the serial peripheral interface, which
allows the MPC8280 to exchange data between other PowerQUICC II chips, the MC68360, the
MC68302, the M68HC11, and M68HC05 microcontroller families, and peripheral devices
such as EEPROMs, real-time clocks, A/D converters, and ISDN devices.
— Chapter 40, “I2C Controller,” describes the MPC8280 implementation of the inter-integrated
circuit (I2C®) controller, which allows data to be exchanged with other I2C devices, such as
microcontrollers, EEPROMs, real-time clock devices, and A/D converters.
— Chapter 41, “Parallel I/O Ports,” describes the four general-purpose I/O ports A–D. Each
signal in the I/O ports can be configured as a general-purpose I/O signal or as a signal dedicated
to supporting communications devices, such as SMCs, SCCs. MCCs, and FCCs.
•
Appendix A, “Register Quick Reference Guide,” provides a quick reference to the registers
incorporated in the G2_LE core.
•
Appendix B, “Revision History,” provides a list of the major differences between revisions of the
MPC8280 PowerQUICC II Family Reference Manual.
•
This book also includes an index and a glossary.
Suggested Reading
This section lists additional reading that provides background for the information in this manual as well as
general information about the PowerPC architecture.
MPC82xx Documentation
Supporting documentation for the MPC8280 can be accessed through the world-wide web at
www.freescale.com. This documentation includes technical specifications, reference materials, and
detailed applications notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com