Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
I-1
Part I
Overview
Intended Audience
Part I is intended for readers who need a high-level understanding of the MPC8280.
Contents
Part I provides a high-level description of the MPC8280, describing general operation and listing basic
features.
•
Chapter 1, “Overview,” provides a high-level description of MPC8280 functions and features. It
roughly follows the structure of this book, summarizing the relevant features and providing
references for the reader who needs additional information.
•
Chapter 2, “G2_LE Core,” provides an overview of the MPC8280 core.
•
Chapter 3, “Memory Map,” presents a table showing where MPC8280 registers are mapped in
memory. It includes cross references that indicate where the registers are described in detail.
Conventions
Part I uses the following notational conventions:
mnemonics
Instruction mnemonics are shown in lowercase bold.
italics
Italics indicate variable command parameters, for example, bcctrx.
Book titles in text are set in italics.
0x0
Prefix to denote hexadecimal number
0b0
Prefix to denote binary number
rA, rB
Instruction syntax used to identify a source GPR
rD
Instruction syntax used to identify a destination GPR
REG[FIELD]
Abbreviations or acronyms for registers or buffer descriptors are shown in
uppercase text. Specific bits, fields, or numerical ranges appear in brackets. For
example, MSR[LE] refers to the little-endian mode enable bit in the machine state
register.
x
In certain contexts, such as in a signal encoding or a bit field, indicates a don’t
care.
n
Indicates an undefined numerical value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com