Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN812TRG Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN812TRG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN812TRG Datasheet(HTML) 1 Page - STMicroelectronics

  TYN812TRG Datasheet HTML 1Page - STMicroelectronics TYN812TRG Datasheet HTML 2Page - STMicroelectronics TYN812TRG Datasheet HTML 3Page - STMicroelectronics TYN812TRG Datasheet HTML 4Page - STMicroelectronics TYN812TRG Datasheet HTML 5Page - STMicroelectronics TYN812TRG Datasheet HTML 6Page - STMicroelectronics TYN812TRG Datasheet HTML 7Page - STMicroelectronics TYN812TRG Datasheet HTML 8Page - STMicroelectronics TYN812TRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
October 2016
DocID7475 Rev 11
1/17
TN1215, TYN612, TYN812,
TYN1012
Standard 12 A SCRs
Datasheet
- production data
Features
 On-state RMS current, IT(RMS) 12 A
 Repetitive peak off-state voltage, VDRM and
VRRM 600 V, 800 V and 1000 V
 Triggering gate current, IGT 5 mA or 15 mA
Description
The standard 12 A SCR series is suitable to fit all
modes of control, found in applications such as
overvoltage crowbar protection, motor control
circuits in power tools and kitchen aids, inrush
current limiting circuits, capacitive discharge
ignition and voltage regulation circuits.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space.
Table 1. Device summary
Order code
Voltage VDRM / VRRM (v)
IGT (mA)
Package
600
800
1000
TYN1012RG
x
15
TO-220AB
TYN1012TRG
x
5
TO-220AB
TYN612RG
x
15
TO-220AB
TYN612TRG
x
5
TO-220AB
TYN812RG
x
15
TO-220AB
TYN812TRG
x
5
TO-220AB
TN1215-600B
x
15
DPAK
TN1215-600B-TR
x
15
DPAK
TN1215-600G
x
15
D2PAK
TN1215-600G-TR
x
15
D2PAK
TN1215-600H
x
15
IPAK
TN1215-800B-TR
x
15
DPAK
TN1215-800G-TR
x
15
D2PAK
TN1215-800H
x
15
IPAK
www.st.com


Similar Part No. - TYN812TRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN812TRG STMICROELECTRONICS-TYN812TRG Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
More results

Similar Description - TYN812TRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
16 A standard SCRs
07-Nov-2007
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
logo
Littelfuse
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
Teccor brand Thyristors 12 Amp Standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TN1205H-6G STMICROELECTRONICS-TN1205H-6G Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com