Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN812TRG Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYN812TRG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN812TRG Datasheet(HTML) 3 Page - STMicroelectronics

  TYN812TRG Datasheet HTML 1Page - STMicroelectronics TYN812TRG Datasheet HTML 2Page - STMicroelectronics TYN812TRG Datasheet HTML 3Page - STMicroelectronics TYN812TRG Datasheet HTML 4Page - STMicroelectronics TYN812TRG Datasheet HTML 5Page - STMicroelectronics TYN812TRG Datasheet HTML 6Page - STMicroelectronics TYN812TRG Datasheet HTML 7Page - STMicroelectronics TYN812TRG Datasheet HTML 8Page - STMicroelectronics TYN812TRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID7475 Rev 11
3/17
TN1215, TYN612, TYN812, TYN1012
Characteristics
17
Table 3. Standard electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
TN1215-x00(1)(2)
TYN(2)
Unit
-B/-H
-G
x12T(3)
x12(3)
IGT
VD = 12 V, RL = 33 
Min.
2
0.5
2
mA
Max.
15
5
15
VGT
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 k
Tj = 125 °C
Min.
0.2
V
IH
IT = 500 mA, gate open
Max.
40
30
15
30
mA
IL
IG = 1.2 IGT
Max.
80
60
30
60
mA
dV/dt
VD = 67% VDRM, gate open Tj =125 °C
Min.
200
40
200
V/µs
VTM
ITM = 24 A tp = 380 µs
Tj = 25 °C
Max.
1.6
V
Vto
Threshold voltage
Tj = 125 °C
Max.
0.85
V
Rd
Dynamic resistance
Tj = 125 °C
Max.
30
m
IDRM
IRRM
VD = VR = VDRM = VRRM
Tj = 25 °C
Max.
5µA
Tj = 125 °C
2
mA
1. x00= 600, 800
2. Check Table 1 for devices availability
3. x= 6,8,10
Table 4. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
D2PAK, DPAK, IPAK, TO-220AB
1.3
°C/W
Rth(j-a)
Junction to ambient (DC)
S(1) = 0.5 cm2 DPAK
70
°C/W
S(1) = 1.0 cm2 D²PAK
45
IPAK
100
TO-220AB
60
1. S = Copper surface under tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com