Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN812TRG Datasheet(PDF) 14 Page - STMicroelectronics

Part # TYN812TRG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN812TRG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TYN812TRG Datasheet HTML 9Page - STMicroelectronics TYN812TRG Datasheet HTML 10Page - STMicroelectronics TYN812TRG Datasheet HTML 11Page - STMicroelectronics TYN812TRG Datasheet HTML 12Page - STMicroelectronics TYN812TRG Datasheet HTML 13Page - STMicroelectronics TYN812TRG Datasheet HTML 14Page - STMicroelectronics TYN812TRG Datasheet HTML 15Page - STMicroelectronics TYN812TRG Datasheet HTML 16Page - STMicroelectronics TYN812TRG Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Ordering information
TN1215, TYN612, TYN812, TYN1012
14/17
DocID7475 Rev 11
3
Ordering information
Figure 17. TN1215 series
Figure 18. TYNx12 series
TN 12 15 - 600 B (-TR)
Standard SCR series
Sensitivity
Voltage
Package
Packing mode
Current
12 = 12 A
D PAK)
15 = 15 mA
600 = 600 V
800 = 800 V
B = DPAK
G = D PAK
H = IPAK
Blank = Tube
-TR = Tape and reel (DPAK and
2
2
TYN
6
12
T
RG
Standard SCR series
Packing mode
Voltage
Current
Sensitivity
6 = 600 V
8 = 800 V
10 = 1000 V
12 = 12 A
Blank = 15 mA
T = 5 mA
RG = Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com