Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3612EB Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT3612EB
Description  2-Phase PWM Controller with Dual Integrated Drivers for IMVP9 CPU Core Power Supply
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3612EB Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT3612EB Datasheet HTML 26Page - Richtek Technology Corporation RT3612EB Datasheet HTML 27Page - Richtek Technology Corporation RT3612EB Datasheet HTML 28Page - Richtek Technology Corporation RT3612EB Datasheet HTML 29Page - Richtek Technology Corporation RT3612EB Datasheet HTML 30Page - Richtek Technology Corporation RT3612EB Datasheet HTML 31Page - Richtek Technology Corporation RT3612EB Datasheet HTML 32Page - Richtek Technology Corporation RT3612EB Datasheet HTML 33Page - Richtek Technology Corporation RT3612EB Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
RT3612EB
30
DS3612EB-02 December 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 15. Switching Frequency and Current with
Different VID
Controller internally control
TON adaptive to variable VIN
1.8
VID
Current
Ripple
1.8
VID
VIN=19V
VIN=12V
VIN=19V
VIN=12V
Frequency
The switching frequency can be derived from TON as shown
below. The losses in the main power stage and driver
characteristics are considered.

,
,,
,
ONLS max
CC
LL
LS
ONLS max
ONHS max
ONLS max
CC
CC
IN
ON
D
ONVAR
D
LS
HS
LS
R
I
VID
DCR
N R
Nn
Freq
RR
R
II
VT
T
T
T
Nn
n
N
n


 











VID : VID voltage
VIN : input voltage
ICC : loading current
N : total phase number
RONLS,max : maximum equivalent low-side RDS(ON)
nHS: number of high-side MOSFETs
RONHS,max : maximum equivalent high-side RDS(ON)
nLS : number of low-side MOSFETs.
TD : summation of the high-side MOSFET delay time and
rising time
TONVAR : TON variation value
DCR : inductor DCR
RLL : loadline setting (
Ω).
Although TON is designed for constant frequency target
while VID
≥ 1.8, the actual frequency is still impacted by
main power stage's loss and driver dead time. The
switching frequency rises as loading current increases.
Recommend to design the switching frequency based on
the optimized efficiency and thermal performance at thermal
design current (ICCTDC). For example, at ICC = ICCTDC, VID
= 1.8V and VIN = 19V, the switching frequency is 850kHz.
Then substitute these values into equations to get TON
and relative kTON.
Richtek provides a Microsoft Excel-based design tool to
help design RTON and kTON setting for the desired switching
frequency at TDC.
Table 9. PIN-SETTING of TONSET
TONSET[3:0]
KTON
0000
0.64
0001
0.73
0010
0.82
0011
0.91
0100
1
0101
1.09
0110
1.18
0111
1.27
1000
1.36
1001
1.45
1010
1.64
1011
1.82
1100
2.09
1101
2.36
1110
2.55
1111
2.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com