Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN3204DB Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 10Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 11Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
Slp2mu
Manual enter sleep2 mode, set “1” will enter sleep2 and this bit will be reset to “0”
Slp1mu
Manual enter sleep1 mode, set “1” will enter sleep1 and this bit will be reset to “0”
Wakeup
Manual wake up from sleep mode, set “1” will enter wakeup and this bit will be
reset to “0”
0x06
Configuration
Bit
7
6
5
4
3
2
1
0
Field
Reset
MotSwk
0
0
PD_enh
CPI [2:0]
Usage
The Configuration register allows the user to change the configuration of the sensor. Shown below are
the bits, their default values, and optional values.
If MotSwk bit is clear, the MOTSWK pin is level-sensitive. The pin level remains low when motion
has occurred; in other words, Delta_X and Delta_Y registers has data. The mouse controller can read
Motion_Status register, Delta_X register, then Delta_Y register sequentially. After the mouse
controller reads all data, Delta_X and Delta_Y are both zero, the pin level will be high (see Section 7).
If MotSwk bit is set, the MOTSWK pin is edge-sensitive. The pin will send a pulse and trigger the
mouse controller when motion has occurred during the sleep mode. The mouse controller can read
Motion_Status register, Delta_X register, then Delta_Y register sequentially (see Section 7).
Field Name
Description
Reset
Full chip reset
0 = Normal operation mode (Default)
1 = Full chip reset
MotSwk
MOTSWK pin output selection (see Section 7)
0 = Motion function output (Default)
1 = SWKINT function output
Note that MOTSWK is chip pin, MotSwk is Configuration register bit
Bit [5:4]
MUST always be 00
PD_enh
Power down mode
0 = Normal operation (Default)
1 = Power down mode
Notes
CPI[2:0]
Output resolution setting, setting with CPI mode select bit
000 = 400
001 = 500
010 = 600
011 = 800
100 = 1000 (Default)
101 = 1200
110 = 1600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com