Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN3204DB Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button PAN3204DB Datasheet HTML 19Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 20Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 21Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 22Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 23Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 24Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 25Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 26Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 27Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
PixArt Imaging Inc.
PAN3204DB
Wireless Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
23
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
8.3 Power Supply at 1.8V Application Circuit (with IR LED, 27MHz Transceiver)
VCC_1.8V
C14
100pF
#1. Battery Power Circuit
RESET
RKEY
IR_1.8V
VCC_1.8V
Q3
3904
#2. MCU Circuit
C5
100uF
Z2
D2 LED
Z2
#3. Sensor Circuit
BAT_3.0V
C9
1uF
SW2
R6
27K
SW3
X1
6MHz
VCC_1.8V
RFDATA
+
C16
10uF
Antenna
VCC_1.8V
*Note that 2.7V application, R7 use 34.8K ohm +/- 1%
*Note that 1.8V application, R7 use 36K ohm +/- 1%
IR_1.8V
MOTSWK
C8
22uF
VCC_1.8V
C3
0.1uF
Q2
3904
Q1
3904
L1
220uH
U1
MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
/RESET
VSS
P60./INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
IDSYNC
GND
R11
2K
MKEY
ENSW1
ENCODER
Z2
Z1
COM
R4
20K
D1 1N5819
R10
100K
LKEY
VCC_1.8V
C2 15pF
C13
0.1uF
C15
100pF
SCLK
U4
PAN3204DB
2
6
4
3
5
7
8
1
MOTSWK
VSS
SCLK
SDIO
LED
VDD
VDDA
OSC_RES
#4. RF TX Circuit
RFDATA
C6
0.1uF
C18
27pF
R5
36K
C21
33pF
C12
0.1uF
IR_1.8V
BAT_1.5V
R8
56K
C17
0.1uF
R9
10K
RFEN
R7
MOTSWK
C10
0.1uF
IDSYNC
RKEY
Optional power source: A or B
SDIO
SCLK
R2
30K
Z1
PAN3204 external resistor notes
C20
10pF
C7
22uF
MKEY
R1
C19
100pF
B. Regulator
U3
ELM9318
VOUT
SW
RFEN
Z1
R3 10R
SDIO
VIN PAD
U2
ELM9818
SW1
S1
C11
1uF
VCC_1.8V
C1 15pF
VCC_1.8V
LKEY
X2
13.5225MHz
A. DC/DC Converter
C4
47uF
Figure 16. Application Circuit for 1.8V (with IR LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com