Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN3204DB Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAN3204DB
Description  LOW COST WIRELESS MOUSE SENSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3204DB Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAN3204DB Datasheet HTML 1Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 2Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 3Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 4Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 5Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 6Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 7Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 8Page - Pixart Imaging Inc. PAN3204DB Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PAN3204DB
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V3.0, Apr. 2008
PAN3204 LOW COST WIRELESS MOUSE SENSOR
General Description
The PAN3204DB is a high performance, low power and low cost CMOS process optical mouse sensor with DSP
integration chip that serves as a non-mechanical motion estimation engine for implementing a computer wireless
mouse.
Features
Single power supply
Precise optical motion estimation
technology
Complete 2-D motion sensor
Accurate motion estimation over a wide
range of surfaces
High speed motion detection up to 28
inches/sec
High resolution up to 1600 CPI
Power saving mode during times of no
movement
Serial interface for programming and
data transfer
Built-in Low Power Timer (LPT) for
sleep1/sleep2 mode
MOTSWK pin to wake up mouse
controller when sensor wakes up from
sleep mode
Key Specification
Power Supply
Operating voltage
1.73V ~ 1.87V (VDD and VDDA short)
2.5V ~ 2.9V (VDD)
Optical Lens
1:1
Speed
28 inches/sec
Resolution
400/ 500/ 600/ 800/ 1000(Default)/ 1200
/ 1600 CPI
Frame Rate
3000 frames/sec
Typical
Operating
Current
3mA @ Mouse moving (Normal)
300uA @ Mouse not moving (Sleep1)
60uA @ Mouse not moving (Sleep2)
7uA @ Power down mode
Package
Staggered DIP8
Ordering Information
Order Number
I/O
Resolution
PAN3204DB
CMOS output
1000 CPI


Similar Part No. - PAN3204DB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
LOW POWER CMOS OPTICAL MOUSE SENSOR
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
WIRELESS OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAN3204DB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
LOW COST CMOS OPTICAL MOUSE SENSOR
PAW3204 PIXART-PAW3204 Datasheet
575Kb / 27P
LOW COST WIRELESS MOUSE SENSOR
PAW3603DH PIXART-PAW3603DH Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3204DB-TJ3L PIXART-PAW3204DB-TJ3L Datasheet
280Kb / 5P
ULTRA LOW POWER WIRELESS MOUSE SENSOR
PAW3204DB-TJ3R PIXART-PAW3204DB-TJ3R Datasheet
263Kb / 5P
ULTRA LOW POWER WIRELESS MOUSE SENSOR
PAW3205DB-TJ3T PIXART-PAW3205DB-TJ3T Datasheet
273Kb / 5P
LOW POWER WIRELESS MOUSE SENSOR
PAW3212DB-TJDT PIXART-PAW3212DB-TJDT Datasheet
666Kb / 31P
ULTRA LOW POWER WIRELESS MOUSE SENSOR
PAW3220LU-TJDU PIXART-PAW3220LU-TJDU Datasheet
738Kb / 7P
Ultra-Low Power Wireless Mouse Sensor
logo
Cherry Semiconductor Co...
MW-3000 CHERRY-MW-3000 Datasheet
64Kb / 2P
Ergonomic Wireless Mouse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com