Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25P10 Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25P10
Description  1 Mbit Uniform Sector, Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P10 Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25P10 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
5
EN25P10
Rev. C, Issue Date: 2007/5/4
OPERATING FEATURES
SPI Modes
The EN25P10 is accessed through an SPI compatible bus consisting of four signals: Serial Clock (CLK),
Chip Select (CS#), Serial Data Input (DI) and Serial Data Output (DO). Both SPI bus operation Modes 0
(0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and Mode 3, as shown in Figure
3, concerns the normal state of the SCK signal when the SPI bus master is in standby and data is not
being transferred to the Serial Flash. For Mode 0 the SCK signal is normally low. For Mode 3 the SCK
signal is normally high. In either case data input on the DI pin is sampled on the rising edge of the SCK.
Data output on the DO pin is clocked out on the falling edge of SCK.
Figure 3. SPI Modes
Page Programming
To program one data byte, two instructions are required: Write Enable (WREN), which is one byte, and a
Page Program (PP) sequence, which consists of four bytes plus data. This is followed by the internal
Program cycle (of duration tPP).
To spread this overhead, the Page Program (PP) instruction allows up to 256 bytes to be programmed at
a time (changing bits from 1 to 0), provided that they lie in consecutive addresses on the same page of
memory.
Sector Erase and Bulk Erase
The Page Program (PP) instruction allows bits to be reset from 1 to 0. Before this can be applied, the
bytes of memory need to have been erased to all 1s (FFh). This can be achieved either a sector at a time,
using the Sector Erase (SE) instruction, or throughout the entire memory, using the Bulk Erase (BE)
instruction. This starts an internal Erase cycle (of duration tSE or tBE). The Erase instruction must be
preceded by a Write Enable (WREN) instruction.
Polling During a Write, Program or Erase Cycle
A further improvement in the time to Write Status Register (WRSR), Program (PP) or Erase (SE or BE)
can be achieved by not waiting for the worst case delay (tW, tPP, tSE, or tBE). The Write In Progress
(WIP) bit is provided in the Status Register so that the application program can monitor its value, polling it
to establish when the previous Write cycle, Program cycle or Erase cycle is complete.
Active Power, Stand-by Power and Deep Power-Down Modes
When Chip Select (CS#) is Low, the device is enabled, and in the Active Power mode. When Chip Select
(CS#) is High, the device is disabled, but could remain in the Active Power mode until all internal cycles
have completed (Program, Erase, Write Status Register). The device then goes in to the Stand-by Power
mode. The device consumption drops to ICC1.
The Deep Power-down mode is entered when the specific instruction (the Enter Deep Power-down Mode
(DP) instruction) is executed. The device consumption drops further to ICC2. The device remains in this
mode until another specific instruction (the Release from Deep Power-down Mode and Read Device ID
(RDI) instruction) is executed.
All other instructions are ignored while the device is in the Deep Power-down mode. This can be used as
an extra software protection mechanism, when the device is not in active use, to protect the device from
inadvertent Write, Program or Erase instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com