Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25P10 Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25P10
Description  1 Mbit Uniform Sector, Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P10 Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25P10 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN25P10
Rev. C, Issue Date: 2007/5/4
Table 4. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06h
Write Disable
04h
Read Status
Register
05h
(S7-S0)(1)
continuous
(2)
Write Status
Register
01h
S7-S0
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
(Next byte)
continuous
Sector Erase
D8h
A23-A16
A15-A8
A7-A0
Bulk Erase
C7h
Deep Power-down
B9h
Release from Deep
Power-down, and
read Device ID
dummy
dummy
dummy
(ID7-ID0)
(4)
Release from Deep
Power-down
ABh
Manufacturer/
Device ID
90h
dummy
dummy
00h(5)
(M7-M0)
(ID7-ID0)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from
the device on the DO pin.
2. The Status Register contents will repeat continuously until CS# terminate the instruction.
3. All sectors may use any address within the sector.
4. The Device ID will repeat continuously until CS# terminate the instruction.
5. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminate the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID.
Table 5. Manufacturer and Device Identification
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
10h
90h
1Ch
10h
9Fh
1Ch
2011h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com