Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32-75VIP Datasheet(PDF) 16 Page - Eon Silicon Solution Inc.

Part # EN25B32-75VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-75VIP Datasheet(HTML) 16 Page - Eon Silicon Solution Inc.

Back Button EN25B32-75VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 20Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
16
EN25B32
Rev. C, Issue Date: 2007/06/21
SRP bit / OTP_LOCK bit. The Status Register Protect (SRP) bit is operated in conjunction with the Write
Protect (WP#) signal. The Status Register Write Protect (SRP) bit and Write Protect (WP#) signal allow
the device to be put in the Hardware Protected mode (when the Status Register Protect (SRP) bit is set to
1, and Write Protect (WP#) is driven Low). In this mode, the non-volatile bits of the Status Register (SRP,
BP2, BP1, BP0) become read-only bits and the Write Status Register (WRSR) instruction is no longer
accepted for execution.
In OTP mode this bit is served as OTP_LOCK bit, user can read/program/erase OTP sector as normal
sector while OTP_LOCK value is equal 0, after OTP_LOCK is programmed with 1 by WRSR command,
the OTP sector is protected form program and erase operation. The OTP_LOCK bit can only be
programmed once.
Note : In OTP mode, the WRSR command will ignore any input data and program OTP_LOCK bit to 1,
user must clear the protect bits before enter OTP mode and program the OTP code, then execute WRSR
command to lock the OTP sector before leaving OTP mode.
Write Status Register (WRSR) (01h)
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After
the Write Enable (WREN) instruction has been decoded and executed, the device sets the Write Enable
Latch (WEL).
The Write Status Register (WRSR) instruction is entered by driving Chip Select (CS#) Low, followed by
the instruction code and the data byte on Serial Data Input (DI).
The instruction sequence is shown in Figure 8.. The Write Status Register (WRSR) instruction has no
effect on S6, S5, S1 and S0 of the Status Register. S6 and S5 are always read as 0. Chip Select (CS#)
must be driven High after the eighth bit of the data byte has been latched in. If not, the Write Status
Register (WRSR) instruction is not executed. As soon as Chip Select (CS#) is driven High, the self-timed
Write Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in
progress, the Status Register may still be read to check the value of the Write In Progress (WIP) bit. The
Write In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is
completed. When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the user to change the values of the Block Protect
(BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table
3.. The Write Status Register (WRSR) instruction also allows the user to set or reset the Status Register
Protect (SRP) bit in accordance with the Write Protect (WP#) signal. The Status Register Protect (SRP)
bit and Write Protect (WP#) signal allow the device to be put in the Hardware Protected Mode (HPM). The
Write Status Register (WRSR) instruction is not executed once the Hardware Protected Mode (HPM) is
entered.
NOTE : In the OTP mode, WRSR command will ignore input data and program OTP_LOCK bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com