Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B32-75VIP Datasheet(PDF) 25 Page - Eon Silicon Solution Inc.

Part # EN25B32-75VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-75VIP Datasheet(HTML) 25 Page - Eon Silicon Solution Inc.

Back Button EN25B32-75VIP Datasheet HTML 21Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 22Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B32-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
25
EN25B32
Rev. C, Issue Date: 2007/06/21
Enter OTP Mode (3Ah)
This Flash has a extra 512 bytes OTP sector, user must issue ENTER OTP MODE command to enter
OTP mode before reading / programming or erasing OTP sector. After entering OTP mode, the OTP
sector is mapping to sector 0 ( bottom boot ) or sector 67 ( top boot ) respectively,
SRP bit becomes
OTP_LOCK bit and can be reading by RDSR command. Program / Erase command will be disabled when
OTP_LOCK is ‘1’
WRSR command will ignore the input data and program LOCK_BIT to 1.
User must clear the protect bits before enter OTP mode.
OTP sector can only be program and erase when LOCK_BIT equal ‘0’ and sector 0 ( bottom boot ) or
sector 67 ( top boot ) not protected. In OTP mode, user can read other sectors, but program/erase other
sectors only allowed when OTP_LOCK equal ‘0’.
User can use WRDI (04H) command to exit OTP mode.
Figure 19. Enter OTP Mode
Table 7a. Bottom Boot Security Sector Address
Sector Size
(bytes)
Address Range
Byte mode (x8)
512
000000h – 0001FFh
Table 7b. Top Boot Security Sector Address
Sector Size
(bytes)
Address Range
Byte mode (x8)
512
3FFE00h – 3FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com