Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9212PC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9212PC
Description  Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9212PC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9212PC Datasheet HTML 1Page - Richtek Technology Corporation RT9212PC Datasheet HTML 2Page - Richtek Technology Corporation RT9212PC Datasheet HTML 3Page - Richtek Technology Corporation RT9212PC Datasheet HTML 4Page - Richtek Technology Corporation RT9212PC Datasheet HTML 5Page - Richtek Technology Corporation RT9212PC Datasheet HTML 6Page - Richtek Technology Corporation RT9212PC Datasheet HTML 7Page - Richtek Technology Corporation RT9212PC Datasheet HTML 8Page - Richtek Technology Corporation RT9212PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9212
Preliminary
DS9212-05 March 2007
5
www.richtek.com
Electrical Characteristics
(VCC = 5V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
OCSET1/SD, OCSET2/SD = VCC;
UGATE1 & 2, LGATE1 & 2 Open
--
5
--
mA
Shutdown Supply
ICCSD
(OCSET1/SD, OCSET2/SD) = 0V
--
3
--
mA
Power-On Reset
POR Threshold
VCCRTH
VOCSET1/SD, OCSET2/SD = 4.5V
VCC Rising
3.7
4.1
4.5
V
Hysteresis
VCCHYS VOCSET1/SD, OCSET2/SD = 4.5V
--
0.5
--
V
Reference
Error Amp Reference Voltage
Tolerance
ΔVEAR
--
--
2
%
Error Amp Reference
VREF
VCC = 5V
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
fOSC
VCC = 5V
275
300
325
kHz
Ramp Amplitude
ΔVOSC
--
1.9
--
VP-P
V1 Error Amplifier (External Compensation)
DC Gain
--
90
--
dB
Gain-Bandwidth Product
GBW
--
10
--
MHz
Slew Rate
SR
COMP = 10pF
--
6
--
V/
μs
To be continued
Recommended Operating Conditions
(Note 3)
Supply Voltage, VCC ------------------------------------------------------------------------------------------------- 5V
± 5 %
Ambient Temperature Range --------------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature Range --------------------------------------------------------------------------------------- 0
°C to 125°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC ------------------------------------------------------------------------------------------------- 7V
BOOT, VBOOT - VPHASE----------------------------------------------------------------------------------------------- 7V
Input, Output or I/O Voltage ---------------------------------------------------------------------------------------- GND-0.3V to 7V
Package Thermal Resistance
TSSOP-24,
θJA -------------------------------------------------------------------------------------------------------- 100°C/W
Junction Temperature ------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------
− 65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com