Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9212PC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9212PC
Description  Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9212PC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9212PC Datasheet HTML 6Page - Richtek Technology Corporation RT9212PC Datasheet HTML 7Page - Richtek Technology Corporation RT9212PC Datasheet HTML 8Page - Richtek Technology Corporation RT9212PC Datasheet HTML 9Page - Richtek Technology Corporation RT9212PC Datasheet HTML 10Page - Richtek Technology Corporation RT9212PC Datasheet HTML 11Page - Richtek Technology Corporation RT9212PC Datasheet HTML 12Page - Richtek Technology Corporation RT9212PC Datasheet HTML 13Page - Richtek Technology Corporation RT9212PC Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RT9212
Preliminary
DS9212-05 March 2007
12
www.richtek.com
Modulator Frequency Equations
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This transfer function is dominated
by a DC gain and the output filter (LO and CO), with a double
pole frequency at FLC and a zero at FESR. The DC gain of
the modulator is the input voltage (VIN) divided by the peak-
to-peak oscillator voltage VRAMP.
The first step is to calculate the complex conjugate poles
contributed by the LC output filter.
The output LC filter introduces a double pole,
−40dB/decade
gain slope above its corner resonant frequency, and a total
phase lag of 180 degrees. The Resonant frequency of the
LC filter expressed as follows :
The next step of compensation design is to calculate the
ESR zero. The ESR zero is contributed by the ESR
associated with the output capacitance. Note that this
requires that the output capacitor should have enough ESR
to satisfy stability requirements. The ESR zero of the
output capacitor expressed as follows :
O
O
P(LC)
C
L
2
1
F
×
×
=
π
ESR
C
2
1
F
O
Z(ESR)
×
×
=
π
)
C
//
(C
R
2
1
F
C
R
2
1
F
0
F
2
1
2
P1
2
2
Z1
P1
×
=
×
×
=
=
π
π
C2
C1
R2
R1
COMP1
VREF
EA
+
-
FB1
RT9212
VOUT
Zc
Zf
Rf
Figure 2
Figure 3 shows the DC-DC converter's gain vs. frequency.
The compensation gain uses external impedance networks
ZC and ZF to provide a stable, high bandwidth loop.
High crossover frequency is desirable for fast transient
response, but often jeopardize the system stability. In order
to cancel one of the LC filter poles, place the zero before
the LC filter resonant frequency. In the experience, place
the zero at 75% LC filter resonant frequency.Crossover
frequency should be higher than the ESR zero but less
than 1/5 of the switching frequency.
The second pole be place at half the switching frequency.
+
-
Zc
Zf
VREF
+
-
Lo
VRAMP
PWM
Co
ESR
Vin
Compensator
PWM
Comparator
Vout
Figure 1
Compensation Frequency Equations
The compensation network consists of the error amplifier
and the impedance networks ZC and ZF as Figure 2 shows.
Frequency
10Hz
100Hz
1.0KHz
10KHz
100KHz
1.0MHz
vdb(vo) vdb(comp2) vdb(lo)
-40
0
40
80
-60
10
100
1k
10k
100k
1M
80
40
0
20
60
-20
-40
-60
Loop Gain
Compensation
Gain
Modulator
Gain
Frequency (Hz)
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com