Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9212PC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9212PC
Description  Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9212PC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9212PC Datasheet HTML 5Page - Richtek Technology Corporation RT9212PC Datasheet HTML 6Page - Richtek Technology Corporation RT9212PC Datasheet HTML 7Page - Richtek Technology Corporation RT9212PC Datasheet HTML 8Page - Richtek Technology Corporation RT9212PC Datasheet HTML 9Page - Richtek Technology Corporation RT9212PC Datasheet HTML 10Page - Richtek Technology Corporation RT9212PC Datasheet HTML 11Page - Richtek Technology Corporation RT9212PC Datasheet HTML 12Page - Richtek Technology Corporation RT9212PC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9212
Preliminary
DS9212-05 March 2007
9
www.richtek.com
Iocset & Temperature
30
35
40
45
50
55
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
VOUT2
VOUT1
Reference vs. Temperature
0.788
0.79
0.792
0.794
0.796
0.798
0.8
0.802
0.804
0.806
0.808
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VOUT2
VOUT1
POR (Start Up)
VOUT1
(2V/Div)
VOUT2
(2V/Div)
VCC
(5V/Div)
Time (5ms/Div)
VOUT3
(200mV/Div)
VOUT3 Transient
Time (2.5ms/Div)
IOUT3
(2A/Div)
VIN = 5V, VOUT = 1.8V
Frequency vs. Temperature
285
290
295
300
305
310
315
-40-20
0
20
40
60
80100
120
Temperature (°C)
POR (Rising/Falling) vs. Temperature
3.9
3.95
4
4.05
4.1
4.15
4.2
4.25
-40
-10
20
50
80
110
140
Temperature
Rising
Falling
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com