Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9210PC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9210PC
Description  Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9210PC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9210PC Datasheet HTML 1Page - Richtek Technology Corporation RT9210PC Datasheet HTML 2Page - Richtek Technology Corporation RT9210PC Datasheet HTML 3Page - Richtek Technology Corporation RT9210PC Datasheet HTML 4Page - Richtek Technology Corporation RT9210PC Datasheet HTML 5Page - Richtek Technology Corporation RT9210PC Datasheet HTML 6Page - Richtek Technology Corporation RT9210PC Datasheet HTML 7Page - Richtek Technology Corporation RT9210PC Datasheet HTML 8Page - Richtek Technology Corporation RT9210PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RT9210
Preliminary
DS9210-05 March 2007
5
www.richtek.com
Function Block Diagram
+
-
Bias
Soft-
Start
1
Control
Logic
Control
Logic
OVP
&
UVP
0.8V
Ref.
Power
Good
Power
On
Reset
300kHz
Oscillator
Zc
Window
Regulator
Zf
+
-
+
-
+
-
BOOT1
OCSET/SD
UGATE1
PVCC1
LGATE1
PGND1
PGND2
LGATE2
UGATE2
BOOT2
VCC
PHASE1
VCC
FB1
COMP1
PGOOD
VREF
VREE_IN
SENSE1
SENSE2
V2_SD
Thermal
SHDN
Thermal
SHDN
OC
UV
OV
UV
OV
OC
PWM1
PWM2
90 deg
shift
40uA
OC
POR
OV
UV
137.5%
62.5%
0.8V
200k
200k
FB2
EA
EA
GNDA
+
Thermal
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com