Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9210PC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9210PC
Description  Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9210PC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9210PC Datasheet HTML 1Page - Richtek Technology Corporation RT9210PC Datasheet HTML 2Page - Richtek Technology Corporation RT9210PC Datasheet HTML 3Page - Richtek Technology Corporation RT9210PC Datasheet HTML 4Page - Richtek Technology Corporation RT9210PC Datasheet HTML 5Page - Richtek Technology Corporation RT9210PC Datasheet HTML 6Page - Richtek Technology Corporation RT9210PC Datasheet HTML 7Page - Richtek Technology Corporation RT9210PC Datasheet HTML 8Page - Richtek Technology Corporation RT9210PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT9210
Preliminary
DS9210-05 March 2007
1
www.richtek.com
Applications
DDR Memory Termination Supply
SSTL_2 and SSTL_3 Interfaces
Graph Card, Motherboard, Desktop Servers
High Power Tracking DC-DC Regulators
Dual 5V Synchronous Buck DC-DC PWM Controller
for DDR Memory VDDQ and VTT Termination
General Description
The RT9210 is a dual high power, high efficiency
synchronous buck DC-DC controller optimized for high
performance double data rate (DDR) memory applications.
It is designed to convert voltage supplies ranging from
4.5V to 5.5V into efficiently 2.5VDDQ for powering DDR
memory, VTT for signal termination and a buffered amplifier
for VREF reference. VTT tracks (VDDQ/2) to ±30mV, and
VTT accurately tracks VREF. The RT9210 integrates all of
the control, output adjustment, monitoring and protection
functions into a single package.
The VTT supply can be turned off independently of VDDQ
during S3 sleep mode, the VTT output is maintained by a
low power window regulator when V2_SD pin being
triggered high.
The RT9210 provides simple, single feedback loop, voltage
mode control with fast transient response for VDDQ
regulator. The VTT regulator features internal compensation
that eases the circuitry design. It includes two phase-
locked 300kHz sawtooth-wave oscillators which are placed
90° to minimize interference between the two PWM
regulators.
The RT9210 protects against over-current conditions by
inhibiting PWM operation. It also monitors the current in
the VDDQ regulator by using the RDS(ON) of the upper
MOSFET which eliminates the need for a current sensing
resistor.
Features
Operating with Single 5V Supply Voltage
High Power VDDQ, VTT and VREF for DDR Memory
VTT Tracks (VDDQ/2) to ±30mV
VTT Regulator Internally Compensated
Support “S3” Sleep Mode
Drives All Low Cost N-MOSFETs
Voltage Mode PWM Control
300kHz Fixed Frequency Oscillator
Fast Transient Response :
Full 0% to 100% Duty Ratio
Internal Soft-Start
Adaptive Non-Overlapping Gate Driver
Over-Current Fault Monitor on VCC, No Current
Sense Resistor Required
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
(TOP VIEW)
TSSOP-24 & SOP-24
UGATE1
BOOT1
PHASE1
VREF
V2_SD
OCSET/SD
PVCC1
PGND1
FB1
COMP1
NC
PGOOD
SENSE1
LGATE1
SENSE2
VREF_IN
GNDA
VCC
NC
NC
BOOT2
PGND2
LGATE2
UGATE2
4
5
6
19
20
21
7
8
9
16
17
18
10
11
12
13
14
15
2
3
22
23
24
Ordering Information
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9210
Package Type
C : TSSOP-24
S : SOP-24
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9210PC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212GC RICHTEK-RT9212GC Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212PC RICHTEK-RT9212PC Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
RT9214GS RICHTEK-RT9214GS Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
More results

Similar Description - RT9210PC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6530 INTERSIL-ISL6530 Datasheet
540Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
November 15, 2004
ISL6531 INTERSIL-ISL6531 Datasheet
461Kb / 17P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
August 11, 2005
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
Linear Technology
LTC3876 LINER-LTC3876_15 Datasheet
630Kb / 48P
Dual DC/DC Controller for DDR Power with Differential VDDQ Sensing and 50mA VTT Reference
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Renesas Technology Corp
ISL6530 RENESAS-ISL6530 Datasheet
955Kb / 18P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com