Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9210PC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9210PC
Description  Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9210PC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9210PC Datasheet HTML 8Page - Richtek Technology Corporation RT9210PC Datasheet HTML 9Page - Richtek Technology Corporation RT9210PC Datasheet HTML 10Page - Richtek Technology Corporation RT9210PC Datasheet HTML 11Page - Richtek Technology Corporation RT9210PC Datasheet HTML 12Page - Richtek Technology Corporation RT9210PC Datasheet HTML 13Page - Richtek Technology Corporation RT9210PC Datasheet HTML 14Page - Richtek Technology Corporation RT9210PC Datasheet HTML 15Page - Richtek Technology Corporation RT9210PC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
RT9210
Preliminary
DS9210-05 March 2007
12
www.richtek.com
Applications Information
Inductor
The inductor is required to supply constant current to the
output load. The inductor is selected to meet the output
voltage ripple requirements and minimize the converter's
response time to the load transient.
A larger value of inductance reduces ripple current and
voltage. However, the larger value of inductance has a larger
physical size, lower output capacitor and slower transient
response time.
A good rule for determining the inductance is to allow the
peak-to-peak ripple current in the inductor to be
approximately 30% of the maximum output current. The
inductance value can be calculated by the following
equation :
Where
VIN is the input voltage,
VOUT is the output voltage,
FS is the switching frequency,
IOUT is the peak-to-peak inductor ripple current.
The inductance value determines the converter's ripple
current and the ripple current. The ripple voltage is
calculated by the following equation :
Increasing the value of inductance reduces the ripple
current and voltage. However, the large inductance value
raise the converter's response time to a load transient.
One of the parameters limiting the converter's response
to a load transient is the time required to change the
inductor current. Given a sufficiently fast control loop
design, the RT9210 will provide 0% to 100% duty cycle in
response to a load transient.
The response time is the time required to slew the inductor
current from an initial current value to the transient current
level. The inductor limit input current slew rate during
the load transient. Minimizing the transient response time
can minimize the output capacitance required. The
response time is different for application of load and removal
of load to a transient. The following equations give the
approximate response time for application and removal of
a transient load :
Where
TRise is the response time to the application of load,
TFall is the response time to the removal of load,
IOUT is the transient load current step.
Input Capacitor
The input capacitor is required to supply the AC current to
the Buck converter while maintaining the DC input voltage.
The capacitor should be chosen to provide acceptable ripple
on the input supply lines. Use a mix of input bypass
capacitors to control the voltage overshoot across the
MOSFETs. Use small ceramic capacitors for high
frequency decoupling and bulk capacitors to supply the
current. Place the small ceramic capacitors close to the
MOSFETs and between the drain of Q1/Q3 and the source
of Q2/Q4.
The key specifications for input capacitor are the voltage
rating and the RMS current rating. For reliable operation,
select the bulk capacitor with voltage and current ratings
above the maximum input voltage and largest RMS current.
The capacitor voltage rating should be at least 1.25 times
greater than the maximum input voltage and voltage rating
of 1.5 times is a conservative guideline. The RMS current
rating for the input capacitor of a buck regulator should be
greater than approximately 0.5 the DC load current.
−×
=
××
IN
OUT
OUT
IN
(V
V
) V
ΔI
VFs L
OUT
IN
OUT
Rise
V
V
ΔI
L
T
−
×
=
OUT
OUT
Fall
V
ΔI
L
T
×
=
Δ
Δ
−×
=
××
IN
OUT
OUT
IN
S
OUT
(V
V
) V
L
VF
ΔI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com