Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7575 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LD7575
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD7575 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LD7575 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LD7575
5
Leadtrend Technology Corporation
LD7575-DS-04a June 2007
Electrical Characteristics
(TA = +25
oC unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
High-Voltage Supply (HV Pin)
High-Voltage Current Source
Vcc< UVLO(on), HV=500V
0.5
1.0
1.5
mA
Off-State Leakage Current
Vcc> UVLO(off), HV=500V
35
µA
Supply Voltage (Vcc Pin)
Startup Current
100
µA
VCOMP=0V
2.0
3.0
mA
VCOMP=3V
2.5
4.0
mA
Operating Current
(with 1nF load on OUT pin)
Protection tripped (OLP, OVP)
0.5
mA
UVLO (off)
9.0
10.0
11.0
V
UVLO (on)
15.0
16.0
17.0
V
OVP Level
25.0
27.5
30.0
V
Voltage Feedback (Comp Pin)
Short Circuit Current
VCOMP=0V
1.5
2.2
mA
Open Loop Voltage
COMP pin open
6.0
V
Green Mode Threshold VCOMP
2.35
V
Current Sensing (CS Pin)
Maximum Input Voltage
0.80
0.85
0.90
V
Leading Edge Blanking Time
350
nS
Input impedance
1
M
Ω
Delay to Output
100
nS
Oscillator (RT pin)
Frequency
RT=100K
Ω
60.0
65.0
70.0
KHz
Green Mode Frequency
Fs=65.0KHz
20
KHz
Temp. Stability
(-40
°C ~105°C)
3
%
Voltage Stability
(VCC=11V-25V)
1
%
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
1
V
Output High Level
VCC=15V, Io=20mA
9
V
Rising Time
Load Capacitance=1000pF
50
160
nS
Falling Time
Load Capacitance=1000pF
30
60
nS
OLP (Over Load Protection)
OLP Trip Level
5.0
V
OLP Delay Time (note)
Fs=65KHz
30
mS
Note: The OLP delay time is proportional to the period of switching cycle.
So that, the lower RT value will set the higher switching
frequency and the shorter OLP delay time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com