Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7575 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LD7575
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD7575 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LD7575 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 9Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LD7575
6
Leadtrend Technology Corporation
LD7575-DS-04a June 2007
Typical Performance Characteristics
Temperature (
°C)
Fig. 1 HV Current Source vs. Temperature (HV=500V, Vcc=0V)
0.7
0.9
1.1
1.3
1.5
-40
0
40
80
120 125
Temperature (
°C)
Fig. 2
VCS (off) vs. Temperature
0.85
0.86
0.87
0.88
0.89
0.90
-40
0
40
80
120
125
Fig. 3
UVLO (on) vs. Temperature
Temperature (
°C)
14.0
14.8
15.6
16.4
17.2
18.0
-40
0
40
80
120 125
Temperature (
°C)
Fig. 4
UVLO (off ) vs. Temperature
8
9.6
10.4
12
8.8
-40
0
40
80
120
125
11.2
Fig. 5
Frequency vs. Temperature
Temperature (
°C)
-40
60
62
64
66
68
70
0
40
80
120
125
Temperature (
°C)
Fig. 6
Green Mode Frequency vs. Temperature
16
18
20
22
24
26
-40
0
40
80
120
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com