Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7575 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LD7575
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD7575 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LD7575 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 6Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 7Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 8Page - List of Unclassifed Manufacturers LD7575 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LD7575
6/5/2007
1
Leadtrend Technology Corporation
LD7575-DS-04a June 2007
Green-Mode PWM Controller with High-Voltage
Start-Up Circuit
REV: 04a
General Description
The LD7575 is a current-mode PWM controller with
excellent power-saving operation.
It features a high-
voltage current source to directly supply the startup current
from bulk capacitor and further to provide a lossless startup
circuit.
The integrated functions such as the leading-edge
blanking of the current sensing, internal slope compensation,
and the small package provide the users a high efficiency,
minimum external component counts, and low cost solution
for AC/DC power applications.
Furthermore, the embedded over voltage protection, over
load protection and the special green-mode control provide
the solution for users to design a high performance power
circuit easily.
The LD7575 is offered in both SOP-8 and
DIP-8 package.
Features
High-Voltage (500V) Startup Circuit
Current Mode Control
Non-Audible-Noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Programmable Switching Frequency
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc
OLP (Over Load Protection)
500mA Driving Capability
Applications
Switching AC/DC Adapter and Battery Charger
Open Frame Switching Power Supply
LCD Monitor/TV Power
Typical Application


Similar Part No. - LD7575

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7575 LEADTREND-LD7575 Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
LD7575GS LEADTREND-LD7575GS Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
LD7575PN LEADTREND-LD7575PN Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
LD7575PS LEADTREND-LD7575PS Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
More results

Similar Description - LD7575

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4812 SEMTECH-SC4812 Datasheet
208Kb / 15P
Current Mode PWM Controller with Integrated Start-up Circuit and Op Amp
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
BCD Semiconductor Manuf...
AP3106 BCDSEMI-AP3106 Datasheet
345Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Rev 2
logo
Unisonic Technologies
UC3869A UTC-UC3869A Datasheet
310Kb / 9P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Leadtrend Technology
LD7575 LEADTREND-LD7575 Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Excelliance MOS Corp.
EM8671 EXCELLIANCE-EM8671 Datasheet
307Kb / 13P
HV Start-up Green-mode PWM Controller with Brown-Out Protection
logo
Leadtrend Technology
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
High Voltage Green Mode PWM Controller
logo
Diodes Incorporated
AP3107Z DIODES-AP3107Z Datasheet
644Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
March 2015 Rev. 3 - 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com