Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4541B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4541B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4541B Datasheet HTML 1Page - Silicon Supplies CD4541B Datasheet HTML 2Page - Silicon Supplies CD4541B Datasheet HTML 3Page - Silicon Supplies CD4541B Datasheet HTML 4Page - Silicon Supplies CD4541B Datasheet HTML 5Page - Silicon Supplies CD4541B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
www.siliconsupplies.com
CMOS High Voltage Logic – CD4541B
Rev 1.0
11/06/20
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
VOL = 0.4V
1.9
1.55
1.08
10V
VOL = 0.5V
5
4
2.8
Minimum Output
(Sink) Current
IOL
15V
VOL = 1.5V
12.6
10
7.2
mA
Maximum Input
Leakage Current
IIN
15V
VIN = VDD or VSS
±0.1
±0.1
±1.0
µA
5V
5
5
150
10V
10
10
300
15V
20
20
600
Maximum Quiescent
Current
5
IDD
20V
VIN = VDD or VSS
100
100
3000
µA
DC Electrical Characteristics (Voltages referenced to V
SS)
5. With AUTO RESET enable additional current drain at 25°C is:
200μA (Max) at 5V;
350μA (Max) at 10V;
500μA (Max) at 15V.
6. Not production tested in die form, characterized by chip design and tested in package.
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
1.5
1.5
0.75
10V
4
4
2
Maximum Clock
Frequency
(Figure 1)
fmax
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
6
6
3
MHz
5V
10.5
10.5
21
10V
3.8
3.8
7.6
2
8,
tPLH, tPHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
2.9
2.9
5.8
µs
5V
18
18
36
10V
10
10
20
Maximum
Propagation Delay,
Cloc to Q, Q
k
(Figure 1)
2
16,
tPLH, tPHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
7.5
7.5
15
µs
5V
360
360
720
10V
180
180
360
Maximum Output
Transition Time,
Any Output (Fig 1.)
tTLH
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
130
130
260
ns
5V
200
200
400
10V
100
100
200
Maximum Output
Transition Time,
Any Output (Fig. 1)
tTHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
80
80
160
ns
Maximum
Input Capacitance
CIN
-
TA = 25°C
VIN = 0V
7.5
7.5
7.5
pF
AC Electrical Characteristics6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com