Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4541B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4541B Datasheet(HTML) 1 Page - Silicon Supplies

  CD4541B Datasheet HTML 1Page - Silicon Supplies CD4541B Datasheet HTML 2Page - Silicon Supplies CD4541B Datasheet HTML 3Page - Silicon Supplies CD4541B Datasheet HTML 4Page - Silicon Supplies CD4541B Datasheet HTML 5Page - Silicon Supplies CD4541B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMOS High Voltage Logic – CD4541B
Rev 1.0
11/06/20
Programmable Timer in bare die form
Description
Features:
Available outputs 2
8, 210, 213 or 216
The CD4541B programmable timer consists of a 16-stage
binary counter, integrated oscillator for use with an
external capacitor and x2 resistors, an automatic power-on
reset circuit and output control logic. Power-on triggers
automatic reset circuitry to initialize all counters. With
power already on, an external reset pulse can be applied.
Upon release of the initial reset command, the oscillator
will oscillate with a frequency determined by the external
RC network. The 16−stage counter divides the oscillator
frequency (fosc) with the nth stage frequency being fosc/2
n.
Counter increments on positive clock edge.
Built-in low-power RC oscillator
≈ DC to 100kHz
External clock option (Pad 3) overrides oscillator
Use as 2
n frequency divider or single transition timer
Q/Q select provides output logic level flexibility
Auto or master reset disables oscillator for lower PD
CD4K process benefits: Wide supply voltage range;
Symmetrical outputs; Low IQ; High noise immunity
 Direct drop-in replacement for obsolete components in
long term programs.
Die Dimensions in µm (mils)
Ordering Information
Die Size (Unsawn)
1300 x 1430
51 x 56
µm
mils
Minimum Bond Pad Size
85 x 85
3.35 x 3.35
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
The following part suffixes apply:
1300 (51)
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6
www.siliconsupplies.com


Similar Part No. - CD4541B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541B TI-CD4541B Datasheet
93Kb / 9P
CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Harris Corporation
CD4541B HARRIS-CD4541B Datasheet
78Kb / 8P
CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541B TI-CD4541B Datasheet
574Kb / 15P
CMOS Programmable Timer High Voltage Types(20V Rating)
CD4541B TI-CD4541B Datasheet
671Kb / 17P
CMOS Programmable Timer High Voltage Types (20V Rating)
CD4541B TI1-CD4541B Datasheet
1Mb / 18P
CMOS Programmable Timer
More results

Similar Description - CD4541B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com