Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4541B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4541B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4541B Datasheet HTML 1Page - Silicon Supplies CD4541B Datasheet HTML 2Page - Silicon Supplies CD4541B Datasheet HTML 3Page - Silicon Supplies CD4541B Datasheet HTML 4Page - Silicon Supplies CD4541B Datasheet HTML 5Page - Silicon Supplies CD4541B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
www.siliconsupplies.com
d
CMOS High Voltage Logic – CD4541B
Rev 1.0
11/06/20
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
Rtc
0.7505
0.1080
2
Ctc
1.1070
0.1530
3
RS
1.1070
0.6115
4
AR
1.1070
0.8745
5
MR
1.1070
1.1690
6
VSS
0.8225
1.2370
7
Q
0.512
1.2370
8
Q / Q
SELECT
0.1080
1.1635
9
MODE
0.1080
0.7955
10
A
0.1080
0.5495
11
B
0.1080
0.1815
12
VDD
0.3345
0.1080
CONNECT CHIP BACK TO VDD OR FLOAT
Pad Layout and Functions
9
10
11
12
1
2
3
4
5
6
8
DIE ID
7
0,0
1300µm (51.18 mils)
Frequency Selection Table
A
B
Number of
Counter stages
“n”
Count
2
n
0
0
13
8192
0
1
10
1024
1
0
8
256
1
1
16
65536
STATE
Truth Table
PAD
0
1
4
AUTO
RESET
AUTO RESET
OPERATING
AUTO RESET
DISABLED
5
MASTER
RESET
TIMER
OPERATIONAL
MASTER
RESET ON
8
Q / Q
OUTPUT
INITIALLY LOW
AFTER RESET
OUTPUT
INITIALLY
HIGH AFTER
RESET
9
MODE
SINGLE CYCLE
MODE
RECYCLE
MODE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com