Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS516 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAS516
Description  Plastic-Encapsulated Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS516 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAS516 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOD-523 Plastic-Encapsulate
d Diodes
BAS516
Switching Diodes
FEATURES
Small surface mounting type
High switching speed
Marking: 61
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
75
V
Mean rectifying current
IO
250
mA
Peak forward surge current
IFSM
0.5
A
Junction temperature
Tj
150
Storage temperature
Tstg
-65~+150
Electrical Ratings @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
0.715
0.855
1
1.25
V
IF=1mA
IF=10mA
IF=50mA
IF=150mA
Reverse current
IR
0.03
1
µA
VR=25V
VR=75V
Capacitance between terminals
CT
1
pF
VR=0, f=1MHZ
Reverse recovery time
trr
4
ns
IF=10mA, RL=100Ω
Transys
Electronics
LI M ITE D


Similar Part No. - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Leshan Radio Company
BAS516 LRC-BAS516 Datasheet
162Kb / 3P
High-speed diode
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516 Datasheet
188Kb / 4P
High Speed Switching Diode
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
More results

Similar Description - BAS516

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
Plastic-Encapsulated Diodes
BAS16LT1 TEL-BAS16LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAV70LT1 TEL-BAV70LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
BAV199LT1 TEL-BAV199LT1 Datasheet
62Kb / 1P
Plastic-Encapsulated Diodes
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
MMBD914LT1 TEL-MMBD914LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
MMBD4148A TEL-MMBD4148A Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com